Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10XS3435 Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC10XS3435
Szczegółowy opis  Quad High Side Switch (Dual 10m廓, Dual 35m廓)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435 Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
10XS3435
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3 (CONTINUED)
HS[2,3] Output Over-current Detection Levels (6.0V < VHS[0:3] < 20V)
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
39.5
25.2
22.0
18.9
15.7
12.6
9.4
6.3
5.0
3.2
47.0
30.0
26.2
22.5
18.7
15.0
11.2
7.5
6.0
4.0
54.5
34.8
30.5
26.1
21.7
17.4
13.0
8.7
7.0
4.8
A
HS[2,3] Current Sense Ratio (6.0V < HS[0:3] < 20V, CSNS < 5.0V)(17)
CSNS_ratio bit = 0
CSNS_ratio bit = 1
CSR0_1
CSR1_1
1/4350
1/25500
HS[2,3] Current Sense Ratio (CSR0) Accuracy (6.0V < VHS[0:3] < 20V)
Output Current
6.25A
2.5A
1.5A
0.75A
CSR0_0_ACC
-12
-13
-16
-20
12
13
16
20
%
HS[2,3] Current Recopy Accuracy with one calibration point (6.0V < VHS[0:3] <
20V)(18)
Output Current
2.5A
CSR0_0_ACC(
CAL)
-5.0
5.0
%
Notes
17.
Current sense ratio = ICSNS / IHS[0:3]
18.
Based on statistical analysis. It is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 20V, 3.0V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V unless otherwise
noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC10XS3435

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BHFK FREESCALE-MC10XS3435BHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BPNA FREESCALE-MC10XS3435BPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DPNA FREESCALE-MC10XS3435DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Podobny opis - MC10XS3435

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com