Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4855-3 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADA4855-3
Szczegółowy opis  Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4855-3 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADA4855-3 Datasheet HTML 4Page - Analog Devices ADA4855-3 Datasheet HTML 5Page - Analog Devices ADA4855-3 Datasheet HTML 6Page - Analog Devices ADA4855-3 Datasheet HTML 7Page - Analog Devices ADA4855-3 Datasheet HTML 8Page - Analog Devices ADA4855-3 Datasheet HTML 9Page - Analog Devices ADA4855-3 Datasheet HTML 10Page - Analog Devices ADA4855-3 Datasheet HTML 11Page - Analog Devices ADA4855-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4855-3
Rev. 0 | Page 8 of 20
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
1
10
100
1000
FREQUENCY (MHz)
VS = 5V, VOUT = 2V p-p
VS = 3.3V, VOUT = 1.4V p-p
Figure 11. 0.1 dB Flatness vs. Supply Voltage
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = +105°C
TA = –40°C
Figure 12. Small Signal Frequency Response vs. Temperature
–90
–85
–80
–75
–70
–65
–60
–55
–50
0.1
1
10
40
FREQUENCY (MHz)
VOUT = 1V p-p
VS = 3.3V
RL = 1kΩ
HD3
HD2
Figure 13. Harmonic Distortion vs. Frequency
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VS = 3.3V
G= 2
Figure 14. 0.1 dB Flatness vs. Supply Voltage
100
50
75
0
25
–300
0
–200
–150
–100
–50
–250
–50
–25
10
100
1k
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
PHASE
GAIN
Figure 15. Open-Loop Gain and Phase vs. Frequency
–130
–120
–110
–100
–90
–80
–70
–60
–50
0.1
1
10
40
FREQUENCY (MHz)
HD2
HD3
VOUT = 1V p-p
RL = 1kΩ
Figure 16. Harmonic Distortion vs. Frequency


Podobny numer części - ADA4855-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4855-3YCP-EBZ AD-ADA4855-3YCP-EBZ Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
ADA4855-3YCPZ-R2 AD-ADA4855-3YCPZ-R2 Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
ADA4855-3YCPZ-R7 AD-ADA4855-3YCPZ-R7 Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
ADA4855-3YCPZ-RL AD-ADA4855-3YCPZ-RL Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
ADA4855-3 AD-ADA4855-3_16 Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
More results

Podobny opis - ADA4855-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4855-3 AD-ADA4855-3_16 Datasheet
608Kb / 21P
   Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com