Zakładka z wyszukiwarką danych komponentów |
|
ADA4856-3 Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADA4856-3 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 20 page ADA4856-3 Rev. 0 | Page 3 of 20 SPECIFICATIONS 5 V OPERATION TA = 25°C, +VS = 5 V, −VS = 0 V, G = +2, RL = 150 Ω to midsupply, unless otherwise noted. Table 1. Parameter Test Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth VO = 0.1 V p-p 370 MHz VO = 1.4 V p-p 225 MHz VO = 2 V p-p 200 MHz Bandwidth for 0.1 dB Flatness VO = 1.4 V p-p 90 MHz VO = 2 V p-p 74 MHz Slew Rate VO = 2 V step 800 V/μs Settling Time to 0.1% (Rise/Fall) VO = 2 V step 4.8/5.2 ns NOISE/DISTORTION PERFORMANCE Harmonic Distortion (HD2/HD3) fC = 5 MHz, VO = 2 V p-p, RL = 1 kΩ −92/−110 dBc fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ −68/−71 dBc Crosstalk, Output to Output f = 5 MHz, G = +2 −80 dBc Input Voltage Noise f = 100 kHz 14 nV/√Hz Input Current Noise f = 100 kHz 2 pA/√Hz Differential Gain Error 0.01 % Differential Phase Error 0.01 Degrees DC PERFORMANCE Input Offset Voltage 1.3 3.4 mV Input Offset Voltage Drift 5.5 μV/°C Input Bias Current −3.8 μA Input Offset Current ±0.05 μA Closed-Loop Gain 1.95 2 2.05 V/V Open-Loop Gain 90 dB INPUT CHARACTERISTICS Input Resistance 3.2 MΩ Input Capacitance 0.5 pF Input Common-Mode Voltage Range −VS − 0.2 +VS − 1 V Common-Mode Rejection Ratio VCM = −0.2 V to +4 V 94 dB OUTPUT CHARACTERISTICS Output Voltage Swing 0.1 to 4.9 V Linear Output Current Per Amplifier HD2 ≤ −60 dBc, RL = 10 Ω 52 mA POWER-DOWN Turn-On Time 78 ns Turn-Off Time 950 ns Input Bias Current Enabled 0.2 μA Powered down −125 μA Turn-On Voltage 3.75 V POWER SUPPLY Operating Range 3 5.5 V Quiescent Current per Amplifier 7.8 mA Supply Current When Disabled 1.1 mA Power Supply Rejection Ratio ∆VS = 4.5 V to 5.5 V 96 dB |
Podobny numer części - ADA4856-3 |
|
Podobny opis - ADA4856-3 |