Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG854BCPZ-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG854BCPZ-REEL7
Szczegółowy opis  0.5CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG854BCPZ-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG854BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG1517
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
COPLANARITY
0.08
0.50
0.40
0.30
0.20 MIN
0.05 MAX
0.02 NOM
0.15 REF
0.50
PIN 1
INDICATOR
EXPOSED
PAD
BOTTOM VIEW
TOP VIEW
0.30
0.25
0.20
0.80
0.75
0.70
SEATING
PLANE
3.00 BSC
SIDE VIEW
1
4
8
5
2.00 BSC
INDEX
AREA
1.90
1.80
1.65
1.75
1.65
1.50
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 21. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 2 mm Body, Very Very Thin, Dual Lead
(CP-8-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADG1517BCPZ-REEL71
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP_WD)
CP-8-4
1E
1 Z = RoHS Compliant Part.


Podobny numer części - ADG854BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-R21 AD-ADG852BCPZ-R21 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL1 AD-ADG852BCPZ-REEL1 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL71 AD-ADG852BCPZ-REEL71 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results

Podobny opis - ADG854BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com