Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16364BMLZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADIS16364BMLZ
Szczegółowy opis  Six Degrees of Freedom Inertial Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16364BMLZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADIS16364BMLZ Datasheet HTML 5Page - Analog Devices ADIS16364BMLZ Datasheet HTML 6Page - Analog Devices ADIS16364BMLZ Datasheet HTML 7Page - Analog Devices ADIS16364BMLZ Datasheet HTML 8Page - Analog Devices ADIS16364BMLZ Datasheet HTML 9Page - Analog Devices ADIS16364BMLZ Datasheet HTML 10Page - Analog Devices ADIS16364BMLZ Datasheet HTML 11Page - Analog Devices ADIS16364BMLZ Datasheet HTML 12Page - Analog Devices ADIS16364BMLZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
ADIS16364
Rev. PrA | Page 9 of 16
BASIC OPERATION
The ADIS16364 is an autonomous sensor system that starts up
after it has a valid power supply voltage and begins producing
inertial measurement data at a sample rate of 819.2 SPS. After
each sample cycle, the sensor data loads into the output registers
and DIO1 pulses, providing a new data ready control signal for
driving system-level interrupt service routines. In a typical
system, a master processor accesses the output data registers
through the SPI interface, using the hook-up shown in Figure 9.
Table 6 provides a generic, functional description for each pin
on the master processor. Table 7 describes the typical master
processor settings normally found in a configuration register
and used for communicating with the ADIS16364.
SYSTEM
PROCESSOR
SPI MASTER
ADIS16300
SPI SLAVE
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
5V
IRQ
DIO1
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
10
6
3
5
4
7
11
12
13
14
15
Figure 9. Electrical Hook-Up Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16364 operates as a slave.
SCLK Rate ≤ 2 MHz1
Normal mode, SMPL_PRD[7:0] ≤ 0x08.
CPOL = 1
Clock polarity.
CPHA = 1
Clock phase.
MSB-First
Bit sequence.
16-Bit
Shift register/data length.
1 For burst mode, SCLK rate ≤ 1 MHz. For low power mode, SCLK rate ≤ 300 kHz.
The user registers provide addressing for all input/output
operations on the SPI interface. Each 16-bit register has two
7-bit addresses: one for its upper byte and one for its lower byte.
Table 8 provides the lower byte address for each register, and
Figure 10 provides the generic bit assignments.
UPPER BYTE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LOWER BYTE
Figure 10. Output Register Bit Assignments
READING SENSOR DATA
Although the ADIS16364 produces data independently, it oper-
ates as a SPI slave device, which communicates with system
(master) processors using the 16-bit segments displayed in
Figure 11. Individual register reads require two 16-bit sequences.
The first 16-bit sequence provides the read command bit (R/W
= 0) and the target register address (A6 … A0). The second
sequence transmits the register contents (D15 … D0) on the
DOUT line. For example, if DIN = 0x0A00, then the content of
XACCL_OUT shifts out on the DOUT line during the next 16-bit
sequence.
The SPI operates in full duplex mode, which means that the master
processor can read the output data from DOUT while using the
same SCLK pulses to transmit the next target address on DIN.
DEVICE CONFIGURATION
The user register memory map (see Table 8) identifies config-
uration registers with either a W or R/W. Configuration commands
also use the bit sequence displayed in Figure 12. If the MSB is
equal to 1, the last eight bits (DC7 ... DC0) in the DIN sequence
load into the memory address associated with the address bits
(A5 ... A0). For example, if the DIN = 0xA11F, then 0x1F loads
into Address Location 0x26 (ALM_MAG1, upper byte) at the
conclusion of the data frame.
Most of the registers have a backup location in nonvolatile flash
memory. The master processor must manage the backup
function. Set GLOB_CMD[3] = 1 (DIN = 0xBE01) to execute a
manual flash update (backup) operation, which copies the user
registers into their respective flash memory locations. This
operation takes 50 ms and requires the power supply voltage
to be within the specified limit to complete properly. The
FLASH_CNT register provides a running count of these events
for managing the long-term reliability of the flash memory.
BURST MODE DATA COLLECTION
Burst mode data collection offers a more process-efficient
method for collecting data from the ADIS16364. In 10
sequential data cycles (each separated by one SCLK period), all
nine output registers clock out on DOUT. This sequence starts
when the DIN sequence is 0011 1110 0000 0000 (0x3E00). Next,
the contents of each output register are output from DOUT,
starting with SUPPLY_OUT and ending with AUX_ADC (see
Figure 12). The addressing sequence shown in Table 8 deter-
mines the order of the outputs in burst mode.


Podobny numer części - ADIS16364BMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16364BMLZ AD-ADIS16364BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Podobny opis - ADIS16364BMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com