Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34674 Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc

Numer części MC34674
Szczegółowy opis  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674 Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34674_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34674
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. Complete Charge Cycle
VIN = 5.0 V, ICHG = 650 mA, TA = 25°C
Figure 5. VBAT vs VIN
ICHG = 650 mA, IBAT = 0 mA, TA = 25°C
Figure 6. VIN Pin Supply Current vs VIN
ICHG = 650 mA, IBAT = 100 mA, TA = 25°C
Figure 7. Constant Charge Current vs VIN
ICHG = 650 mA, VBAT = 3.0 V, TA = 25°C
Figure 8. Trickle Charge Current vs VIN
ICHG = 650 mA, VBAT = 2.0 V, TA = 25°C
Figure 9. Charge Current vs VBAT
ICHG = 650 mA, VIN = 5.0 V, TA = 25°C
0
204060
80
100
120
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
100
200
300
400
500
600
700
Charge Current
Time (min)
Battery Voltage
4
567
8
9
10
11
4.00
4.05
4.10
4.15
4.20
4.25
4.30
V
IN
(V)
24
68
10
12
0
500
1000
1500
2000
2500
3000
V
IN
(V)
Charger Enabled
Charger Disabled
45
67
8
9
10
100
200
300
400
500
600
700
V
IN
(V)
246
8
10
12
50
55
60
65
70
75
80
V
IN
(V)
1.52.0
2.53.0
3.54.0
4.5
0
100
200
300
400
500
600
700
V
BAT
(V)


Podobny numer części - MC34674_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674A FREESCALE-MC34674A Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674B FREESCALE-MC34674B Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674C FREESCALE-MC34674C Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674D FREESCALE-MC34674D Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Podobny opis - MC34674_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com