Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1491E Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM1491E
Szczegółowy opis  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1491E Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM1491E Datasheet HTML 4Page - Analog Devices ADM1491E Datasheet HTML 5Page - Analog Devices ADM1491E Datasheet HTML 6Page - Analog Devices ADM1491E Datasheet HTML 7Page - Analog Devices ADM1491E Datasheet HTML 8Page - Analog Devices ADM1491E Datasheet HTML 9Page - Analog Devices ADM1491E Datasheet HTML 10Page - Analog Devices ADM1491E Datasheet HTML 11Page - Analog Devices ADM1491E Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1491E
Rev. 0 | Page 8 of 16
OUTPUT VOLTAGE (V)
80
70
30
60
40
50
0
10
20
01.5
1.0
0.5
2.5
2.0
3.5
3.0
4.0
Figure 14. Output Current vs. Driver Output Low Voltage
OUTPUT VOLTAGE (V)
0
–10
–50
–20
–40
–30
–80
–70
–60
01.5
1.0
0.5
3.0
2.5
2.0
4.5
4.0
3.5
5.0
Figure 15. Output Current vs. Driver Output High Voltage
TEMPERATURE (°C)
1.30
1.25
1.00
1.20
1.05
1.10
1.15
0.80
0.85
0.90
0.95
–50
–25
25
07
50
85
5
DRIVER ENABLED
DRIVER DISABLED
Figure 16. Output Current vs. Temperature
CH3 2V
CH2 2V
CH1 5V
M200ns
A CH1
1.6V
3
1
Figure 17. Unloaded Driver Differential Outputs
CH3 2V
CH2 2V
CH1 5V
M200ns
A CH1
1.6V
3
1
Figure 18. Loaded Driver Differential Outputs
(RL Differential = 54 Ω, CL1 = CL2 = 100 pF)


Podobny numer części - ADM1491E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1491E AD-ADM1491E Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491EBRMZ AD-ADM1491EBRMZ Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1491EBRMZ AD-ADM1491EBRMZ Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Podobny opis - ADM1491E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com