Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP2108-1.0-EVALZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADP2108-1.0-EVALZ
Szczegółowy opis  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP2108-1.0-EVALZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADP2108-1.0-EVALZ Datasheet HTML 2Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 3Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 4Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 5Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 6Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 7Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 8Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 9Page - Analog Devices ADP2108-1.0-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP2108
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, TA = 25°C, VEN = VIN, unless otherwise noted.
12
14
16
18
20
22
24
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 3. Quiescent Supply Current vs. Input Voltage
2500
2600
2700
2800
2900
3000
3100
3200
3300
3400
3500
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 4. Switching Frequency vs. Input Voltage
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
1.835
1.840
–45
–25
–5
15
35
55
75
TEMPERATURE (°C)
IOUT = 10mA
IOUT = 150mA
IOUT = 500mA
Figure 5. Output Voltage vs. Temperature
600
700
800
900
1000
1100
1200
1300
1400
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
INPUT VOLTAGE (V)
Figure 6. PMOS Current Limit vs. Input Voltage
2.53.03.54.04.55.05.5
–40°C
INPUT VOLTAGE (V)
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
+85°C
PWM TO PSM
PSM TO PWM
Figure 7. Mode Transition Across Temperature
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
PWM TO PSM
PSM TO PWM
Figure 8. Mode Transition


Podobny numer części - ADP2108-1.0-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2108-1.0-EVALZ AD-ADP2108-1.0-EVALZ Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results

Podobny opis - ADP2108-1.0-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com