Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6149 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS6149
Szczegółowy opis  14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS6149 Datasheet HTML 5Page - Texas Instruments ADS6149 Datasheet HTML 6Page - Texas Instruments ADS6149 Datasheet HTML 7Page - Texas Instruments ADS6149 Datasheet HTML 8Page - Texas Instruments ADS6149 Datasheet HTML 9Page - Texas Instruments ADS6149 Datasheet HTML 10Page - Texas Instruments ADS6149 Datasheet HTML 11Page - Texas Instruments ADS6149 Datasheet HTML 12Page - Texas Instruments ADS6149 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
DIGITAL CHARACTERISTICS – ADS61B49 and ADS61B29
Dn_Dn+1_P
Dn_Dn+1_P
Dn_Dn+1_M
Dn_Dn+1_M
GND
GND
V
OCM
V
OCM
Logic0
V
= –350mV
ODL
(1)
Logic1
V
=350mV
ODH
(1)
T0399-01
ADS61B29
ADS61B49
www.ti.com ......................................................................................................................................... SLWS214A – OCTOBER 2008 – REVISED DECEMBER 2008
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 3.3 V, DRVDD = 1.8 V
ADS61B49/ADS61B29
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUTS – RESET, SCLK, SDATA, SEN(1)
High-level input voltage
All digital inputs support 1.8-V and 3.3-V CMOS
1.3
V
logic levels
Low-level input voltage
0.4
V
SDATA, SCLK(2)
VHigh = 3.3 V
16
High-level input current
µA
SEN(3)
VHigh = 3.3 V
10
SDATA, SCLK
VLow = 0 V
0
Low-level input current
µA
SEN
VLow = 0 V
–20
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS INTERFACE (Pins D0 to D13 and OVR_SDOUT)
DRVDD
High-level output voltage
with IOH = 1mA
DRVDD
V
-0.1
Low-level output voltage
with IOL = 1mA
0
0.1
V
Output capacitance (internal to device)
2
pF
DIGITAL OUTPUTS – LVDS INTERFACE (Pins D0_D1_P/M to D12_D13_P/M)(4)
VODH, High-level output voltage
(5)
275
350
425
mV
VODL, Low-level output voltage
(5)
–425
–350
–275
mV
Capacitance inside the device, from either output
VOCM, Common-mode output voltage
1
1.2
1.3
V
to ground
Output capacitance
2
pF
(1)
SCLK, SDATA, SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 200-k
Ω pull-down resistor.
(3)
SEN has internal 100-k
Ω pull-up resistor to AVDD.
(4)
OVR_SDOUT has CMOS output logic levels, determined by DRVDD voltage.
(5)
With external 100-
Ω termination
Figure 1. LVDS Voltage Levels
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS61B29 ADS61B49


Podobny numer części - ADS6149

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149IRGZR TI-ADS6149IRGZR Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS6149

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com