Zakładka z wyszukiwarką danych komponentów |
|
TLE2141-EP Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
TLE2141-EP Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 22 page Analog Integrated Circuit Device Data Freescale Semiconductor 3 34830 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 34830 Pin Connections Table 1. 34830 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 10. Pin Number Pin Name Pin Function Formal Name Definition 1 VCC Power VCC Supply voltage input 2 IN Input Video Input Video Input 3 GND Ground Ground Ground return for the IC 4 RFREQ Passive Frequency Bandwidth Set Connection for the resistor to GND to set operating bandwidth 5 OUT Output Video Output Video output 6 EN Input Enable Low = device disabled; High = device enabled EP - Passive Exposed Pad Exposed pad for thermal dissipation. Connect the EP to GND or leave floating. The EP is electrically connected to ground. 6 5 4 1 2 3 Transparent Top View VCC IN GND EN OUT RFREQ |
Podobny numer części - TLE2141-EP |
|
Podobny opis - TLE2141-EP |