Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM6132ARWZ-RL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUM6132ARWZ-RL
Szczegółowy opis  Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM6132ARWZ-RL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUM6132ARWZ-RL Datasheet HTML 4Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 5Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 6Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 7Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 8Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 9Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 10Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 11Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM6132
Rev. 0 | Page 8 of
16
TYPICAL PERFORMANCE CHARACTERISTICS
All typical performance curves are based on operation at TA = 25°C, unless otherwise noted.
13.0
0
5
10
15
20
25
13.5
14.0
14.5
15.0
15.5
16.0
IISO LOAD CURRENT (mA)
VDD = 4.5V
VDD = 5.5V
VDD = 5.0V
Figure 4. Typical VISO Supply Voltage vs. IISO External Load
0
0
5
10
15
20
25
I
LOAD CURRENT (mA)
50
100
150
200
300
250
ISO
VDD = 4.5V
VDD = 5.5V
VDD = 5.0V
Figure 5. Typical IDD Supply Current vs. IISO External Load
0
5
10
15
20
25
IISO LOAD CURRENT (mA)
VDD = 5.0V
VDD = 5.5V
VDD = 4.5V
0
5
10
15
20
25
30
Figure 6. Typical VISO Supply Efficiency vs. IISO External Load
0
5
10
15
20
25
IISO LOAD CURRENT (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
VDD = 5.0V
VDD = 4.5V
VDD = 5.5V
Figure 7. Typical Total Power Dissipation vs. IISO External Load
–40
–20
AMBIENT TEMPERATURE (°C)
12.6
12.8
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.8
0
20
40
60
80
100
120
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
Figure 8. Typical VISO Output Voltage at Maximum Combined Load
over Temperature
0
500
1000
1500
2000
2500
1
10
100
1000
VDD = 4.5V
VDD = 5.0V
VDD = 5.5V
VISO LOAD IMPEDANCE (Ω)
Figure 9. Power Dissipation vs. Load Impedance for Fault Conditions


Podobny numer części - ADUM6132ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6132ARWZ-RL AD-ADUM6132ARWZ-RL Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM6132ARWZ-RL AD-ADUM6132ARWZ-RL Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
More results

Podobny opis - ADUM6132ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6132 AD-ADUM6132_V01 Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
NCD57200 ONSEMI-NCD57200_V01 Datasheet
1Mb / 18P
   Half Bridge Gate Driver (Isolated High & Non- Isolated Low)
November, 2022 - Rev. 2
NCD57200 ONSEMI-NCD57200 Datasheet
735Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
July, 2020 ??Rev. 1
NCD57201 ONSEMI-NCD57201 Datasheet
674Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
January, 2021 ??Rev. 1
NCV57200 ONSEMI-NCV57200_V01 Datasheet
432Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non- Isolated Low)
November, 2022 - Rev. 1
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900 Datasheet
409Kb / 6P
   600V ISOLATED HALF BRIDGE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com