Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345BCCZ1 Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXL345BCCZ1
Szczegółowy opis  Three-Axis, ±2/4/8/16g Digital Accelerometer
Pobierz  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 10 page
background image
ADXL345
Preliminary Technical Data
Rev. PrA | Page 10 of 24
CS
SCLK
SDI
SDO
R/W
MB
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[6]
D[7]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
tDELAY
tSCLK
tS
tM
tQUIET
tSETUP
tHOLD
tSDO
CS
SCLK
SDI
SDO
R/W
MB
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[6]
D[7]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
tDELAY
tSCLK
tS
tM
tQUIET
tSETUP
tHOLD
tSDO
Figure 7. SPI 4-wire Write Timing Diagram
Table 7. SPI Timing Specifications
(TA = 25°C, VS = 2.5V, VDD I/O = 1.8V)
Parameter Limit
Unit
Description
fSCLK
5 MHz max SPI clock frequency
tSCLK
200 ns min
1/(SPI clock frequency) Mark/space
ratio for the SCLK input is 40/60 to
60/40
tDELAY
200 ns min
falling edge to SCLK falling edge
tQUIET
200 ns min
SCLK rising edge to rising edge
tS
0.4 × tSCLK ns min
SCLK low pulse width (space)
tM
0.4 × tSCLK ns min
SCLK high pulse width (mark)
tSDO
8 ns max
SCLK falling edge to SDO transition
tSETUP
10 ns min
SDI valid before SCLK rising edge
tHOLD
10 ns min
SDI valid after SCLK rising edge
I2C
With CS tied high to VDD I/O, the ADXL345 is in I2C mode,
requiring a simple 2-wire connection as shown in Figure 8. The
ADXL345 conforms to The I2C Bus Specification, Version 2.1,
January 2000, available from Phillips Semiconductor. It
supports standard (100 kHz) and fast (400 kHz) data transfer
modes. Single or multiple byte read/writes are supported as
shown in Figure 9. With the SDO pin high the 7 bit I2C address
for the device is 0x1D, followed by the read/write bit. This
translates to 0x3A for write, 0x3B for read. An alternate I2C
address of 0x53 (followed by the read/write bit) may be chosen
by grounding the SDO pin (pin 12). This translates to 0xA6 for
write, 0xA7 for read.
Figure 8. I2C Connection Diagram (Address = 0x53)
If other devices are connected to the same I2C bus, the nominal
operating voltage level of these other devices cannot exceed
VDD I/O by more than 0.3 V. Pull-up resistors, RP, should be in the
range of 1k to 20kΩ.
Master
Start
Slave Address + Write
Register Address
Slave
Ack
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Slave
Ack
Ack
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Start
1
Stop
Slave
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Start
1
NAck
Stop
Slave
Ack
Ack
1This Start is either a restart or a Stop followed by a Start
Data
Stop
Ack
Single Byte Write
Multi-Byte Write
Data
Data
Multi-Byte Read
Slave Address + Read
Slave Address + Read
Ack
Data
Data
Data
Stop
NAck
Ack
Single Byte Read
Figure 9. I2C Timing Diagram
ADXL345
PROCESSOR
CS
SDA/SDI/SDIO
D IN/OUT
SDO
SCL/SCLK
D OUT
RP
RP
VDD I/O
06238- 007
ADXL345
PROCESSOR
CS
SDA/SDI/SDIO
D IN/OUT
SDO
SCL/SCLK
D OUT
RP
RP
VDD I/O
06238- 007




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
SMB365Three-axis accelerometer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
2010-002DIGITAL ACCELEROMETER MODULE 1 2 3 List of Unclassifed Manufacturers
SCA2100-D012-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
LIS202DLMEMS motion sensor 2-axis - ±2g/±8g smart digital output “piccolo” accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SCA2110-D032-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
1010L-002DIGITAL ACCELEROMETER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SCA2120-D052-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
MMA7455LThree Axis Low-g Digital Output Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MXD2002ALow Cost ±10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADIS16209High-Accuracy Dual-Axis Digital Inclinometer and Accelerometer 1 2 3 4 5 MoreAnalog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl