Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345BCCZ-RL1 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL345BCCZ-RL1
Szczegółowy opis  Three-Axis, ±2/4/8/16g Digital Accelerometer
Pobierz  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL345
Preliminary Technical Data
Rev. PrA | Page 8 of 24
Auto Sleep Mode
Additional power can be saved by having the ADXL345
automatically switch to sleep mode during periods of inactivity.
To enable this feature set the THRESH_INACT register to an
acceleration value that signifies no activity (this value will
depend on the application), set TIME_INACT to an
appropriate inactivity time period (again, this will depend on
the application), and set the AUTO_SLEEP bit and the LINK bit
in the POWER_CTL register. Current consumption at the sub-
8Hz data rates used in this mode is typically 25 µA.
Standby Mode
For even lower power operation Standby Mode can be used. In
Standby Mode current consumption is reduced to 2µA (typical).
In this mode no measurements are made and communication
with the ADXL345 is limited to single-byte read or writes.
Standby Mode is entered by clearing the MEASURE bit (D3) in
the POWER_CTL register. Placing the device into Standby
Mode will preserve the contents of the FIFO.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
SMB365Three-axis accelerometer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
2010-002DIGITAL ACCELEROMETER MODULE 1 2 3 List of Unclassifed Manufacturers
SCA2100-D012-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
LIS202DLMEMS motion sensor 2-axis - ±2g/±8g smart digital output “piccolo” accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SCA2110-D032-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
1010L-002DIGITAL ACCELEROMETER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SCA2120-D052-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
MMA7455LThree Axis Low-g Digital Output Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MXD2002ALow Cost ±10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADIS16209High-Accuracy Dual-Axis Digital Inclinometer and Accelerometer 1 2 3 4 5 MoreAnalog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl