Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2100P1YZHR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2100P1YZHR
Szczegółowy opis  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA2100P1YZHR Datasheet HTML 4Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 5Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 9Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 10Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 11Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
f − Frequency − Hz
20
100
1k
10k
20k
VDD =5.5V
VDD =3.6V
V
=200mVpp
RIPPLE
f − Frequency − Hz
50
40
30
20
10
0
−10
−20
−60
0
5
10
15
20
25
30
−30
−40
−50
20
100
1k
10k 20k
CI =1 mF
VI =100mVrms
Gain =24dB
Gain=16dB
Gain=12dB
Phase@Gain=24dB
Phase@Gain=12dB
Phase@Gain=16dB
t − Time − ms
−3
−1
1
3
5
7
9
11
13
0.000
0.005
0.010
0.015
0.020
VDD =3.6V
VCC
VO
SD
SDa
and
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
V − InputV
I
oltage − mVrms
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
VDD =3.6V
SupplyInputPower
OutputVoltage
TPA2100P1
SLOS595 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.6 V, Gain = 12 dB, CIN = 1 µF, LBOOST = 4.7 µH, CBOOST = 10 µF, SD = SDa = 3.6 V,
Load = 10
Ω + 1
µF + 22 µH (unless otherwise noted)
SUPPLY RIPPLE REJECTION RATIO
GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
STARTUP WAVEFORMS
TOTAL SUPPLY INPUT POWER AND OUTPUT VOLTAGE
vs
vs
TIME
INPUT VOLTAGE
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2100P1


Podobny numer części - TPA2100P1YZHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Podobny opis - TPA2100P1YZHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com