Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD12S521 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD12S521
Szczegółowy opis  SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD12S521 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments TPD12S521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ELECTRICAL CHARACTERISTICS
TPD12S521
SLVS639A – OCTOBER 2007 – REVISED NOVEMBER 2008 .......................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
ICC5
Operating supply current
5V_SUPPLY = 5 V
110
130
µA
ICC3
Bias supply current
LV_SUPPLY = 3.3 V
1
5
µA
VDROP
5V_OUT overcurrent output drop
5V_SUPPLY = 5 V, IOUT = 55 mA
150
200
mV
ISC
5V_OUT short-circuit current limit
5V_SUPPLY= 5 V, 5V_OUT = GND
90
135
175
mA
OFF-state leakage current,
IOFF
LV_SUPPLY = 0 V
0.1
5
µA
level-shifting NFET
TMDS_D[2:0]+/–,
TMDS_CK+/–,
CE_REMOTE_OUT,
Current conducted from output pins to
IBACKDRIVE
5V_SUPPLY < VCH_OUT DDC_DAT_OUT,
0.1
5
µA
V_SUPPLY rails when powered down
DDC_CLK_OUT,
HOTPLUG_DET_OUT,
5V_OUT
Voltage drop across level-shifting NFET
VON
LV_SUPPLY = 2.5 V, VS = GND, IDS = 3 mA
75
95
140
mV
when ON
Top diode
0.85
IF = 8 mA,
VF
Diode forward voltage
V
TA = 25°C
(1)
Bottom diode
0.85
Pins 4, 7, 10, 13, 20–24, 27, 30, 33(1)(2)
IEC
±8
VESD
ESD withstand voltage
kV
Pins 1, 2, 16–19, 37, 38(1)(3)
HBM
±2
Positive transients
9
Channel clamp voltage
VCL
TA = 25°C
(1) (3)
V
at ±8-kV HBM ESD
Negative transients
–9
Positive transients
3
RDYN
Dynamic resistance
I = 1 A, TA = 25°C
(4)
Negative transients
1.5
ILEAK
TMDS channel leakage current
TA = 25°C
(1)
0.01
1
µA
CIN,
5V_SUPPLY= 5 V, Measured at 1 MHz,
TMDS channel input capacitance
0.8
1.0
pF
TMDS
VBIAS = 2.5 V
(1)
ΔCIN,
TMDS channel input capacitance
5V_SUPPLY= 5 V, Measured at 1 MHz,
0.05
pF
TMDS
matching
VBIAS = 2.5 V
(1) (5)
Mutual capacitance between signal pin
5V_SUPPLY= 0 V, Measured at 1 MHz,
CMUTUAL
0.07
pF
and adjacent signal pin
VBIAS = 2.5 V
(1)
DDC
3.5
4
Level-shifting input capacitance,
5V_SUPPLY= 0 V, Measured at 100 KHz,
CIN
CEC
3.5
4
pF
capacitance to GND
VBIAS = 2.5 V
(1)
HP
3.5
4
(1)
This parameter is specified by design and verified by device characterization.
(2)
Standard IEC 61000-4-2, CDISCHARGE = 150 pF, RDISCHARGE = 330 Ω
(3)
Human-Body Model (HBM) per MIL-STD-883, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ
(4)
These measurements performed with no external capacitor on ESD_BYP.
(5)
Intrapair matching, each TMDS pair (i.e., D+, D–)
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPD12S521


Podobny numer części - TPD12S521

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521 Datasheet
469Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results

Podobny opis - TPD12S521

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com