Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7865I Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS7865I
Szczegółowy opis  Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7865I Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7865I Datasheet HTML 5Page - Texas Instruments ADS7865I Datasheet HTML 6Page - Texas Instruments ADS7865I Datasheet HTML 7Page - Texas Instruments ADS7865I Datasheet HTML 8Page - Texas Instruments ADS7865I Datasheet HTML 9Page - Texas Instruments ADS7865I Datasheet HTML 10Page - Texas Instruments ADS7865I Datasheet HTML 11Page - Texas Instruments ADS7865I Datasheet HTML 12Page - Texas Instruments ADS7865I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TYPICAL CHARACTERISTICS
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
Positive
Negative
1.00
0.75
0.50
0.25
0
0.25
0.50
0.75
1.00
-
-
-
-
DataRate(MSPS)
1.00
0.75
0.50
0.25
0
0.25
0.50
0.75
1.00
-
-
-
-
0.50
0.75
1.00
2.00
1.25
1.50
1.75
Positive
Negative
Code
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
0
512
1024
4096
1536
2048
2560
3072
3584
Code
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
0
512
1024
4096
1536
2048
2560
3072
3584
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
1.00
0.75
0.50
0.25
0
0.25
0.50
0.75
1.00
-
-
-
-
Negative
Positive
DataRate(MSPS)
1.00
0.75
0.50
0.25
0
0.25
0.50
0.75
1.00
-
-
-
-
0.50
0.75
1.00
2.00
1.25
1.50
1.75
Positive
Negative
ADS7865
www.ti.com.............................................................................................................................................................................................. SBAS441 – OCTOBER 2008
Over the entire supply voltage range; VREF = 2.5V (internal), fCLK = 32MHz, and fDATA = 2MSPS, unless otherwise noted.
INTEGRAL NONLINEARITY vs
INTEGRAL NONLINEARITY vs
DATA RATE
TEMPERATURE
Figure 3.
Figure 4.
INTEGRAL NONLINEARITY vs CODE
DIFFERENTIAL NONLINEARITY vs CODE
Figure 5.
Figure 6.
DIFFERENTIAL NONLINEARITY vs
DIFFERENTIAL NONLINEARITY vs
DATA RATE
TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7865


Podobny numer części - ADS7865I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7865IPBS TI1-ADS7865IPBS Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSG4 TI1-ADS7865IPBSG4 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSR TI1-ADS7865IPBSR Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSRG4 TI1-ADS7865IPBSRG4 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Podobny opis - ADS7865I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com