Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6149IRGZT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS6149IRGZT
Szczegółowy opis  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6149IRGZT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS6149IRGZT Datasheet HTML 7Page - Texas Instruments ADS6149IRGZT Datasheet HTML 8Page - Texas Instruments ADS6149IRGZT Datasheet HTML 9Page - Texas Instruments ADS6149IRGZT Datasheet HTML 10Page - Texas Instruments ADS6149IRGZT Datasheet HTML 11Page - Texas Instruments ADS6149IRGZT Datasheet HTML 12Page - Texas Instruments ADS6149IRGZT Datasheet HTML 13Page - Texas Instruments ADS6149IRGZT Datasheet HTML 14Page - Texas Instruments ADS6149IRGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
LVDS Timings at Lower Sampling Frequencies
SETUP TIME, ns
HOLD TIME, ns
SAMPLING FREQUENCY, MSPS
MIN
TYP
MAX
MIN
TYP
MAX
210
1.0
1.4
0.4
0.8
190
1.1
1.5
0.5
0.9
170
1.3
1.7
0.7
1.1
150
1.6
1.9
0.9
1.2
125
1.9
2.2
1.1
1.4
<100
2.5
2.0
Enable LOW SPEED mode
tPDI, ns
(1)
1
≤ Fs ≤ 100,
MIN
TYP
MAX
Enable LOW SPEED mode
8.2
(1)
Ts = 1/Sampling frequency
CMOS Timings at Lower Sampling Frequencies
Timings specified with respect to input clock
SAMPLING FREQUENCY, MSPS
tSTART, ns
DATA VALID TIME, ns
MIN
TYP
MAX
MIN
TYP
MAX
210
1.7
1.6
2.4
190
0.4
2.2
3.0
170
5.1
2.4
3.6
150
4.8
3.0
4.3
Timings specified with respect to CLKOUT
SAMPLING FREQUENCY, MSPS
SETUP TIME, ns
HOLD TIME, ns
MIN
TYP
MAX
MIN
TYP
MAX
150
2.0
3.2
1.5
2.2
125
2.9
4
2.2
2.7
<100
5.0
3.8
Enable LOW SPEED mode
tPDI, ns
(1)
1
≤ Fs ≤ 100
MIN
TYP
MAX
Enable LOW SPEED mode
14
(1)
Ts = 1/Sampling frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Podobny numer części - ADS6149IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6149IRGZT TI-ADS6149IRGZT Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149IRGZT TI-ADS6149IRGZT Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149IRGZT TI1-ADS6149IRGZT Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS6149IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com