Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7882IPFBR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7882IPFBR
Szczegółowy opis  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7882IPFBR Datasheet HTML 7Page - Texas Instruments ADS7882IPFBR Datasheet HTML 8Page - Texas Instruments ADS7882IPFBR Datasheet HTML 9Page - Texas Instruments ADS7882IPFBR Datasheet HTML 10Page - Texas Instruments ADS7882IPFBR Datasheet HTML 11Page - Texas Instruments ADS7882IPFBR Datasheet HTML 12Page - Texas Instruments ADS7882IPFBR Datasheet HTML 13Page - Texas Instruments ADS7882IPFBR Datasheet HTML 14Page - Texas Instruments ADS7882IPFBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Sample N
Conversion N
Data For Conversion N−1
(Data Read without Latency)
CONVST
BUSY
D11−D0
t(conv) + td11
tw4
tw3
t(acq)
t0 = 333 ns for 3 MSPS Operation
th1
CS
td12
NAP MODE
A_PWD
(Held Low)
BUSY
SAMPLE
(Internal)
NAP
(Internal Active High)
t(acq) + 60 ns
NOTE: The SAMPLE (Internal) signal is generated as described in the Sampling and Conversion
Start section.
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
Figure 8. Back-To-Back operation With CS Toggling and RD Low
The device can be put in nap mode following the sequences shown in Figure 9. This provides substantial power
saving while operating at lower sampling rates.
While operating the device at throughput rates lower than 2.54 MSPS, A_PWD can be held low (see Figure 9). In
this condition, the device goes into the nap state immediately after BUSY goes low and remains in that state until
the next sampling starts. The minimum acquisition time is 60 nsec more than t(acq) as defined in the timing
requirements section.
Alternately, A_PWD can be toggled any time during operation (see Figure 10). This is useful when the system
acquires data at the maximum conversion speed for some period of time (back-to-back conversion) and it does
not acquire data for some time while the acquired data is being processed. During this period, the device can be
put in the nap state to save power. The device remains in the nap state as long as A_PWD is low with BUSY
being low and sampling has not started. The minimum acquisition time for the first sampling after the nap state is
60 nsec more than t(acq) as defined in the timing requirements section.
Figure 9. Device Operation While A_PWD is Held Low
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7882


Podobny numer części - ADS7882IPFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7882IPFBR TI1-ADS7882IPFBR Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7882IPFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7891 BURR-BROWN-ADS7891 Datasheet
329Kb / 26P
   14BIT 3 MSPS LOW POWER SAR ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com