Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2PB709ARL Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 2PB709ARL
Szczegółowy opis  45 V, 100 mA PNP general-purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709ARL Arkusz danych(HTML) 5 Page - NXP Semiconductors

  2PB709ARL Datasheet HTML 1Page - NXP Semiconductors 2PB709ARL Datasheet HTML 2Page - NXP Semiconductors 2PB709ARL Datasheet HTML 3Page - NXP Semiconductors 2PB709ARL Datasheet HTML 4Page - NXP Semiconductors 2PB709ARL Datasheet HTML 5Page - NXP Semiconductors 2PB709ARL Datasheet HTML 6Page - NXP Semiconductors 2PB709ARL Datasheet HTML 7Page - NXP Semiconductors 2PB709ARL Datasheet HTML 8Page - NXP Semiconductors 2PB709ARL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2PB709AXL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 12 November 2008
5 of 9
NXP Semiconductors
2PB709ARL; 2PB709ASL
45 V, 100 mA PNP general-purpose transistors
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
/DG: halogen-free
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
10000
2PB709ARL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
2PB709ASL
2PB709ARL/DG
2PB709ASL/DG
Fig 2.
Reflow soldering footprint SOT23 (TO-236AB)
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3
×)
0.6
(3
×)
0.6
(3
×)
0.7
(3
×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm


Podobny numer części - 2PB709ARL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
   45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
2PB709ARL/DG NEXPERIA-2PB709ARL/DG Datasheet
614Kb / 9P
   45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
More results

Podobny opis - 2PB709ARL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
   45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC857XMB_SER NEXPERIA-BC857XMB_SER Datasheet
1Mb / 14P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
logo
NXP Semiconductors
BC857XMB PHILIPS-BC857XMB_15 Datasheet
389Kb / 14P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012
logo
Nexperia B.V. All right...
BC857XQA NEXPERIA-BC857XQA Datasheet
1Mb / 15P
   45 V, 100 mA PNP general-purpose transistors
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
   45 V, 100 mA PNP general-purpose transistors
BC857XQA_SER NEXPERIA-BC857XQA_SER Datasheet
1Mb / 15P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
   45 V, 100 mA PNP/PNP general-purpose double transistors
BC847RAPN NEXPERIA-BC847RAPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose double transistors
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
   45 V, 500 mA PNP general-purpose transistors
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com