Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP69-16 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części BCP69-16
Szczegółowy opis  20 V, 1 A PNP medium power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69-16 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button BCP69-16 Datasheet HTML 5Page - NXP Semiconductors BCP69-16 Datasheet HTML 6Page - NXP Semiconductors BCP69-16 Datasheet HTML 7Page - NXP Semiconductors BCP69-16 Datasheet HTML 8Page - NXP Semiconductors BCP69-16 Datasheet HTML 9Page - NXP Semiconductors BCP69-16 Datasheet HTML 10Page - NXP Semiconductors BCP69-16 Datasheet HTML 11Page - NXP Semiconductors BCP69-16 Datasheet HTML 12Page - NXP Semiconductors BCP69-16 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
11 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BCP69_6
20081202
Product data sheet
-
BCP69_5
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Product overview”: enhanced
• Table 4 “Ordering information”: enhanced
• Figure 2, 4 and 8: updated
• Figure 11: superseded by minimized package outline drawing
• Section 9 “Packing information”: added
• Section 10 “Soldering”: enhanced
• Section 12 “Legal information”: updated
BCP69_5
20031125
Product specification
-
BCP69_4
BCP69_4
20021115
Product specification
-
BCP69_3
BCP69_3
19990408
Product specification
-
BCP69_CNV_2


Podobny numer części - BCP69-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCP69-16 PHILIPS-BCP69-16 Datasheet
45Kb / 8P
   PNP medium power transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCP69-16 SIEMENS-BCP69-16 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69-16 INFINEON-BCP69-16 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
NXP Semiconductors
BCP69-16 NXP-BCP69-16 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Micro Commercial Compon...
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Podobny opis - BCP69-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC869 NXP-BC869 Datasheet
177Kb / 11P
   PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Nexperia B.V. All right...
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR33 NEXPERIA-BSR33 Datasheet
181Kb / 7P
   80 V, 1 A PNP medium power transistor
9 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR33-Q NEXPERIA-BSR33-Q Datasheet
181Kb / 7P
   80 V, 1 A PNP medium power transistor
9 March 2023
logo
NXP Semiconductors
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BC368 NXP-BC368 Datasheet
143Kb / 9P
   NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP68T NXP-BCP68T Datasheet
173Kb / 12P
   NPN medium power transistor 20 V, 1 A
2003 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com