Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847BW Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BC847BW
Szczegółowy opis  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847BW Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BC847BW Datasheet HTML 1Page - NXP Semiconductors BC847BW Datasheet HTML 2Page - NXP Semiconductors BC847BW Datasheet HTML 3Page - NXP Semiconductors BC847BW Datasheet HTML 4Page - NXP Semiconductors BC847BW Datasheet HTML 5Page - NXP Semiconductors BC847BW Datasheet HTML 6Page - NXP Semiconductors BC847BW Datasheet HTML 7Page - NXP Semiconductors BC847BW Datasheet HTML 8Page - NXP Semiconductors BC847BW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in small plastic packages.
[1]
/DG: halogen-free
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2).
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
Rev. 07 — 10 December 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEITA
JEDEC
BC847
SOT23
-
TO-236AB
BC857
BC847A
BC857A
BC847B
BC857B
BC847B/DG
-
BC847C
BC857C
BC847W
SOT323
SC-70
-
BC857W
BC847AW
BC857AW
BC847BW
BC857BW
BC847BW/DG
-
BC847CW
BC857CW
BC847T
SOT416
SC-75
-
BC857T
BC847AT
BC857AT
BC847AT/DG
-
BC847BT
BC857BT
BC847CT
BC857CT
BC847AM
SOT883
SC-101
-
BC857AM
BC847BM
BC857BM
BC847CM
BC857CM
BC547[2]
SOT54
SC-43A
TO-92
BC557[2]
BC547B[2]
BC557B[2]
BC547C[2]
BC557C[2]


Podobny numer części - BC847BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
BC847BW NEXPERIA-BC847BW Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847BW PHILIPS-BC847BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Diodes Incorporated
BC847BW DIODES-BC847BW Datasheet
123Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Taiwan Semiconductor Co...
BC847BW TSC-BC847BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
   For Switching and AF Amplifier Applications
More results

Podobny opis - BC847BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com