Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G0M2HB122102 Arkusz danych(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Numer części G0M2HB122102
Szczegółowy opis  Absolute encoders - SSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IVO [Baumer IVO GmbH & Co. KG]
Strona internetowa  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0M2HB122102 Arkusz danych(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  G0M2HB122102 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0M2HB122102 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0M2HB122102 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0M2HB122102 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - SSI
3
www.baumerivo.com
www.baumerivo.com
G0M2H
Connector Core colour
Assignment
Pin 1
brown
UB
Pin 2
black
GND
Pin 3
blue
Clock+
Pin 4
beige
Data+
Pin 5
green
Zero setting
Pin 6
yellow
Data-
Pin 7
violet
Clock-
Pin 8
brown/yellow DATAVALID
Pin 9
pink
UP/DOWN
Pin 10
black/yellow DATAVALID MT
Pin 11
Pin 12
G0M2H with inremental tracks
Connector Core colour
Assignment
Pin 1
brown
UB
Pin 2
white
GND
Pin 3
blue
Clock+
Pin 4
green
Data+
Pin 5
grey
Zero setting
Pin 6
yellow
Data-
Pin 7
red
Clock-
Pin 8
red/blue
Track B inv.
Pin 9
pink
UP/DOWN
Pin 10
violet
Track a inv.
Pin 11
black
Track A
Pin 12
grey/pink
Track B
1
2
3
4
5
6
7
8
9
10
12
11
Please use cores twisted in pairs (for
example clock+ / clock-) for extensi-
on cables of more than 10 m length.
UB
Encoder voltage supply.
GND
Encoder ground connection relating to UB.
Data+
Positive, serial data output of differential
linedriver.
Data-
Negative, serial data output of differential
linedriver.
Clock+
Positive SSI clock input.
Clock+ together with clock- forms a current
loop. A current of approx. 7 mA towards
clock+ input means logic 1 in positive logic.
Clock-
Negative SSI clock input.
Clock- together with clock+ forms a current
loop. A current of approx. 7 mA towards
clock- input means logic 0 in positive logic.
Zero setting
Input for setting a zero point anywhere
within the programmed encoder resolution.
The zero setting operation is triggered by a
High impulse and has to be in line with the
selected direction of rotation (UP/DOWN).
Connect to GND after setting operation for
maximum interference immunity. Impulse
duration >100 ms.
DATAVALID
Diagnostic output.
An error warning is given at level Low.
Important: Interferences must be filtered by
the downstram electronics.
DATAVALID MT Diagnostic output for monitoring the
multiturn sensor voltage supply. Upon
dropping below a defined voltage level the
DV MT output is switched to Low.
UP/DOWN
UP/DOWN counting direction input.
This input is standard on High. UP/DOWN
means ascending output data with clock-
wise shaft rotation when looking at flange.
UP/DOWN-Low means ascending values
with counterclockwise shaft rotation when
looking at flange.
Incremental
Incremental tracks A 90° B and inverted.
Outputs
Terminal significance
Terminal assignment
G0M2H - SSI
Hollow shaft max. ø14 mm
Optical multiturn encoders 14 bit ST / 12 bit MT


Podobny numer części - G0M2HB122102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
G0MMH03P32 IVO-G0MMH03P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH05P32 IVO-G0MMH05P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH08P22 IVO-G0MMH08P22 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH13P32 IVO-G0MMH13P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH15P32 IVO-G0MMH15P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
More results

Podobny opis - G0M2HB122102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com