Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9886 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA9886
Szczegółowy opis  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9886 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA9886 Datasheet HTML 1Page - NXP Semiconductors TDA9886 Datasheet HTML 2Page - NXP Semiconductors TDA9886 Datasheet HTML 3Page - NXP Semiconductors TDA9886 Datasheet HTML 4Page - NXP Semiconductors TDA9886 Datasheet HTML 5Page - NXP Semiconductors TDA9886 Datasheet HTML 6Page - NXP Semiconductors TDA9886 Datasheet HTML 7Page - NXP Semiconductors TDA9886 Datasheet HTML 8Page - NXP Semiconductors TDA9886 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Pin numbers for TDA9885HN and TDA9886HN in parentheses.
(1) Not connected for TDA9885
Fig 1.
Block diagram of TDA9885; TDA9886
008aaa174
DIGITAL VCO CONTROL
AFC DETECTOR
RC VCO
VIF PLL
VIF AGC
TUNER AGC
SUPPLY
SIF AGC
AUDIO PROCESSING
AND SWITCHES
NARROWBAND
FM-PLL DEMODULATOR
SINGLE REFERENCE QSS MIXER
INTERCARRIER MIXER
AND AM DEMODULATOR
SOUND CARRIER
TRAPS
4.5 MHz to 6.5 MHz
TAGC
CVAGC(pos)
CAGC(neg)
CBL
VAGC(1)
TOP
14 (15)
VPLL
19 (21)
9 (8)
16 (17)
15 (16)
21 (23)
4 (2)
10 (9)
11 (10)
12 (11)
18 (20)
20 (22)
2 (31)
1 (30)
(18) 17
(7) 8
(3) 5
(4) 6
external reference signal
or 4 MHz crystal
REF
AFC
AUD
CVBS
audio output
video output: 2 V (p-p)
[1.1 V (p-p) without trap]
CAF
SIOMAD
SDA
SCL
MAD
VP
CAGC
(6, 12, 13, 14, 17,
19, 25, 28, 29, 32)
13
n.c.
AGND
7 (5)
DGND
OUTPUT
PORTS
I2C-BUS TRANSCEIVER
22 (24)
3 (1)
OP1
OP2
FMPLL
DEEM
AFD
sound intercarrier output
and MAD select
FM-PLL
filter
VIF-PLL
filter
de-emphasis
network
VIF2
VIF1
24 (27)
23 (26)
SIF2
SIF1
TDA9885
TDA9886


Podobny numer części - TDA9886

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9886 PHILIPS-TDA9886 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886HN/V4 PHILIPS-TDA9886HN/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886T/V4 PHILIPS-TDA9886T/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886TS/V4 PHILIPS-TDA9886TS/V4 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
More results

Podobny opis - TDA9886

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com