Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS43L22-CNZR Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS43L22-CNZR
Szczegółowy opis  Low Power, Stereo DAC w/Headphone & Speaker Amps
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22-CNZR Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS43L22-CNZR Datasheet HTML 3Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 4Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 5Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 6Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 7Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 8Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 9Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 10Page - Cirrus Logic CS43L22-CNZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DS792F1
7
CS43L22
Confidential Draft
10/7/08
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDA
1
Serial Control Data (Input/Output) - SDA is a data I/O in I²C Mode.
SCL
2
Serial Control Port Clock (Input) - Serial clock for the serial control port.
AD0
3
Address Bit 0 (I²C) (Input) - AD0 is a chip address pin in I²C Mode;
SPKR_OUTA+
SPKR_OUTA-
SPKR_OUTB+
SPKR_OUTB-
4
6
7
9
PWM Speaker Output (Output) - Full-bridge amplified PWM speaker outputs.
VP
5
8
Power for PWM Drivers (Input) - Power supply for the PWM output driver stages.
-VHPFILT
10
Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge
pump that provides the negative rail for the headphone/line amplifiers.
FLYN
11
Charge Pump Cap Negative Node (Output) - Negative node for the inverting charge pump’s fly-
ing capacitor.
FLYP
12
Charge Pump Cap Positive Node (Output) - Positive node for the inverting charge pump’s flying
capacitor.
+VHP
13
Positive Analog Power for Headphone (Input) - Positive voltage rail and power for the internal
headphone amplifiers and inverting charge pump.
HP/LINE_OUTB, A
14,15 Headphone/Line Audio Output (Output) - Stereo headphone or line level analog outputs.
VA
16
Analog Power (Input) - Positive power for the internal analog section.
29
30
28
27
26
25
24
23
22
21
2
1
3
4
5
6
7
8
9
10
GND/Thermal Pad
SDA
AIN4A
AIN2A
AD0
SPKR_OUTA+
VP
VP
SPKR_OUTB-
-VHPFILT
AIN4B
AIN1B
AIN2B
AFILTB
AIN3B
AFILTA
AIN1A
AIN3A
SPKR_OUTB+
SCL
SPKR_OUTA-
Top-Down (Through-Package) View
40-Pin QFN Package


Podobny numer części - CS43L22-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Podobny opis - CS43L22-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
   2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com