Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4265-DNZ Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS4265-DNZ
Szczegółowy opis  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265-DNZ Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS4265-DNZ Datasheet HTML 5Page - Cirrus Logic CS4265-DNZ Datasheet HTML 6Page - Cirrus Logic CS4265-DNZ Datasheet HTML 7Page - Cirrus Logic CS4265-DNZ Datasheet HTML 8Page - Cirrus Logic CS4265-DNZ Datasheet HTML 9Page - Cirrus Logic CS4265-DNZ Datasheet HTML 10Page - Cirrus Logic CS4265-DNZ Datasheet HTML 11Page - Cirrus Logic CS4265-DNZ Datasheet HTML 12Page - Cirrus Logic CS4265-DNZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
DS657F2
9
CS4265
2. CHARACTERISTICS AND SPECIFICATIONS
SPECIFIED OPERATING CONDITIONS
AGND = DGND = 0 V; All voltages with respect to ground.
Notes: 1. Maximum of VA+0.25 V or 5.25 V, whichever is less.
ABSOLUTE MAXIMUM RATINGS
AGND = DGND = 0 V All voltages with respect to ground. (Note 2)
2. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
3. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
3.13
3.13
1.71
1.71
5.0
3.3
3.3
3.3
5.25
(Note 1)
5.25
5.25
V
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial
Automotive
TA
TA
-10
-40
-
-
+70
+105
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
+6.0
V
V
V
V
Input Current
(Note 3)
Iin
-
±10
mA
Analog Input Voltage
VINA
AGND-0.3
VA+0.3
V
Digital Input Voltage
Logic - Serial Port
Logic - Control Port
VIND-S
VIND-C
-0.3
-0.3
VLS+0.3
VLC+0.3
V
V
Ambient Operating Temperature (Power Applied)
TA
-50
+125
°C
Storage Temperature
Tstg
-65
+150
°C


Podobny numer części - CS4265-DNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Podobny opis - CS4265-DNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com