Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4353 Arkusz danych(PDF) 2 Page - Cirrus Logic

Numer części CS4353
Szczegółowy opis  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353 Arkusz danych(HTML) 2 Page - Cirrus Logic

  CS4353 Datasheet HTML 1Page - Cirrus Logic CS4353 Datasheet HTML 2Page - Cirrus Logic CS4353 Datasheet HTML 3Page - Cirrus Logic CS4353 Datasheet HTML 4Page - Cirrus Logic CS4353 Datasheet HTML 5Page - Cirrus Logic CS4353 Datasheet HTML 6Page - Cirrus Logic CS4353 Datasheet HTML 7Page - Cirrus Logic CS4353 Datasheet HTML 8Page - Cirrus Logic CS4353 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
DS803PP1
CS4353
TABLE OF CONTENTS
1. PIN DESCRIPTIONS ............................................................................................................................ 4
2. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 6
RECOMMENDED OPERATING CONDITIONS .................................................................................... 6
ABSOLUTE MAXIMUM RATINGS ........................................................................................................ 6
DAC ANALOG CHARACTERISTICS (COMMERCIAL - CNZ) .............................................................. 7
DAC ANALOG CHARACTERISTICS (AUTOMOTIVE - DNZ) ............................................................... 8
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE ........................................ 9
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE ........................................................ 10
DIGITAL INTERFACE CHARACTERISTICS ....................................................................................... 11
INTERNAL POWER-ON RESET THRESHOLD VOLTAGES ............................................................. 11
DC ELECTRICAL CHARACTERISTICS .............................................................................................. 12
3. TYPICAL CONNECTION DIAGRAM ................................................................................................... 13
4. APPLICATIONS ................................................................................................................................... 14
4.1.1 Ground-Centered Outputs ..................................................................................................... 14
4.1.2 Full-Scale Output Amplitude Control ..................................................................................... 14
4.1.3 Pseudo-Differential Outputs .................................................................................................. 14
4.8.1 Power-Up Sequences ........................................................................................................... 20
4.8.1.1 External RESET Power-Up Sequence ...................................................................... 20
4.8.1.2 Internal Power-On Reset Power-Up Sequence ......................................................... 20
4.8.2 Power-Down Sequences ....................................................................................................... 20
4.8.2.1 External RESET Power-Down Sequence .................................................................. 20
4.8.2.2 Internal Power-On Reset Power-Down Sequence .................................................... 20
4.9.1 Capacitor Placement ............................................................................................................. 21
5. DIGITAL FILTER RESPONSE PLOTS ................................................................................................. 22
6. PARAMETER DEFINITIONS ................................................................................................................ 24
7. PACKAGE DIMENSIONS .................................................................................................................... 25
8. ORDERING INFORMATION ................................................................................................................ 26
9. REVISION HISTORY ............................................................................................................................ 27


Podobny numer części - CS4353

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4353 CIRRUS-CS4353 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Podobny opis - CS4353

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com