Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4361 Arkusz danych(PDF) 11 Page - Cirrus Logic

Numer części CS4361
Szczegółowy opis  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Arkusz danych(HTML) 11 Page - Cirrus Logic

Back Button CS4361_08 Datasheet HTML 7Page - Cirrus Logic CS4361_08 Datasheet HTML 8Page - Cirrus Logic CS4361_08 Datasheet HTML 9Page - Cirrus Logic CS4361_08 Datasheet HTML 10Page - Cirrus Logic CS4361_08 Datasheet HTML 11Page - Cirrus Logic CS4361_08 Datasheet HTML 12Page - Cirrus Logic CS4361_08 Datasheet HTML 13Page - Cirrus Logic CS4361_08 Datasheet HTML 14Page - Cirrus Logic CS4361_08 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
CS4361
Confidential Draft
2/12/08
3. TYPICAL CONNECTION DIAGRAM
DEM/SCLK
14
Audio
Data
Processor
External Clock
MCLK
GND
CS4361
SDIN1
LRCK
VL
AOUT1
6
2
5
7
1
0.1 µF
+
1µF
19
Audio Output
+5 V
3.3 µF
10 k
C
470
+
R
+ 470
C=
4
πFs(R
470)
Rext
ext
ext
0.1 µF
33µF
10
VQ
FILT+
11
Note*
Note* = This circuitry is intended for applications where the CS4361 connects
directly to an unbalanced output of the design. For internal routing
applications please see the DAC analog output characteristics for loading
limitations.
For best 20 kHz response
SDIN2
3
SDIN3
4
20
MUTEC
AOUT2 18
AOUT3 17
AOUT4 16
AOUT5 13
AOUT6 12
Optional
Muting
Circuit
RST
8
µControler
MODE
9
+1.8 V to +5 V
VA
15
VL
GND
LRCK
LJ
RJ16
RJ24
I
2S
MCLK
µF
*3.3
µF
*10
*Popguard ramp can be adjusted by selecting
this capacitor value to be 3.3 µF to give 250 ms
ramp time or 10 µF to give a 420 ms ramp time.
or
Figure 6. Recommended Connection Diagram


Podobny numer części - CS4361_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361-DZZ CIRRUS-CS4361-DZZ Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
More results

Podobny opis - CS4361_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com