Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4350-DZZ Arkusz danych(PDF) 10 Page - Cirrus Logic

Numer części CS4350-DZZ
Szczegółowy opis  192 kHz Stereo DAC with Integrated PLL
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350-DZZ Arkusz danych(HTML) 10 Page - Cirrus Logic

Back Button CS4350-DZZ Datasheet HTML 6Page - Cirrus Logic CS4350-DZZ Datasheet HTML 7Page - Cirrus Logic CS4350-DZZ Datasheet HTML 8Page - Cirrus Logic CS4350-DZZ Datasheet HTML 9Page - Cirrus Logic CS4350-DZZ Datasheet HTML 10Page - Cirrus Logic CS4350-DZZ Datasheet HTML 11Page - Cirrus Logic CS4350-DZZ Datasheet HTML 12Page - Cirrus Logic CS4350-DZZ Datasheet HTML 13Page - Cirrus Logic CS4350-DZZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
DS691F1
CS4350
DAC ANALOG CHARACTERISTICS - AUTOMOTIVE (-DZZ)
Test conditions (unless otherwise specified): VLS = 1.35 V to 5.25 V, VLC = 3.14 V to 5.25 V, TA = -40° C to
105° C, input test signal is a 997 Hz sine wave; Valid with the recommended capacitor values on VFILT, VQ,
VBIAS (as shown in the typical connection diagram in Figure 10) and output circuits as shown in Figure 17 and
Figure 18; Fs = 48 kHz, 96 kHz, and 192 kHz; Measurement bandwidth 10 Hz to 20 kHz.
Note: 5. One-half LSB of triangular PDF dither is added to data. Also, see Figure 3, Figure 4, and Figure 5 for
more details on the CS4350-DZZ THD+N performance with 0dB input signal.
Parameter
Symbol
Min
Typ
Max
Unit
VA= 4.75 V to 5.25 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
95/103
92/100
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 3)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-91
-78/-86
-38/-46
-90
-72/-73
-32/-33
-85
-
-32/-40
-
-
-
dB
dB
dB
dB
dB
dB
VA= 3.14 V to 3.46 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
94/103
91/100
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 5)
24-bit
-1 dB
-2 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-89
-91/-93
-78/-86
-38/-46
-83
-72/-73
-32/-33
-83
-
-
-31/-40
-
-
-
dB
dB
dB
dB
dB
dB
dB
VA= 3.14 to 5.25 V
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
-400
-
ppm/°C
Analog Output
Full Scale Output Voltage - Single Ended
2.55
2.78
3.03
Vpp
Full Scale Output Voltage - Differential
5.10
5.56
6.06
Vpp
Quiescent Voltage
VQ
-0.5•VA
-
VDC
Max DC Current draw from an AOUT pin
IOUTmax
-10
-
μA
Max Current draw from VQ
IQmax
-100
-
μA
Max AC-Load Resistance
(Note 4)
RL
-3
-
k
Ω
Max Load Capacitance
(Note 4)
CL
-100
-
pF
Output Impedance
ZOUT
-100
-
Ω


Podobny numer części - CS4350-DZZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
More results

Podobny opis - CS4350-DZZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com