Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4362A Arkusz danych(PDF) 6 Page - Cirrus Logic

Numer części CS4362A
Szczegółowy opis  114 dB, 192 kHz 6-Channel D/A Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4362A Arkusz danych(HTML) 6 Page - Cirrus Logic

Back Button CS4362A_08 Datasheet HTML 2Page - Cirrus Logic CS4362A_08 Datasheet HTML 3Page - Cirrus Logic CS4362A_08 Datasheet HTML 4Page - Cirrus Logic CS4362A_08 Datasheet HTML 5Page - Cirrus Logic CS4362A_08 Datasheet HTML 6Page - Cirrus Logic CS4362A_08 Datasheet HTML 7Page - Cirrus Logic CS4362A_08 Datasheet HTML 8Page - Cirrus Logic CS4362A_08 Datasheet HTML 9Page - Cirrus Logic CS4362A_08 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
DS617F1
CS4362A
1. PIN DESCRIPTION
Pin Name
#
Pin Description
VD
4
Digital Power (Input) - Positive power supply for the digital section. Refer to the Recom-
mended Operating Conditions for appropriate voltages.
GND
5,31
Ground (Input) - Ground reference. Should be connected to analog ground.
MCLK
6
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. Table 1
illustrates several standard audio sample rates and the required master clock frequencies.
LRCK
7
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SDIN1
SDIN2
SDIN3
8
11
13
Serial Data Input (Input) - Input for two’s complement serial audio data.
SCLK
9
Serial Clock (Input) - Serial clocks for the serial audio interface.
TST
10,12
14,44
45
Test - These pins need to be tied to analog ground.
RST
19
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low.
VA
32
Analog Power (Input) - Positive power supply for the analog section. Refer to the Recom-
mended Operating Conditions for appropriate voltages.
VLS
43
Serial Audio Interface Power (Input) - Determines the required signal level for the serial audio
interface. Refer to the Recommended Operating Conditions for appropriate voltages.
VLC
18
Control Port Power (Input) - Determines the required signal level for the control port and hard-
ware mode configuration pins. Refer to the Recommended Operating Conditions for appropri-
ate voltages.
GND
AOUTB2-
AOUTA3+
AOUTB3-
AOUTB2+
VA
AOUTA3-
AOUTB3+
MUTEC2
MUTEC3
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
MCLK
DSDB1
VD
SDIN1
TST
DSDA2
DSDA1
GND
SCLK
SDIN2
TST
LRCK(DSD_EN)
CS4362A
AOUTA2+
AOUTA2-


Podobny numer części - CS4362A_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Podobny opis - CS4362A_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com