Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4382A Arkusz danych(PDF) 1 Page - Cirrus Logic

Numer części CS4382A
Szczegółowy opis  114 dB, 192 kHz 8-Channel D/A Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382A Arkusz danych(HTML) 1 Page - Cirrus Logic

  CS4382A Datasheet HTML 1Page - Cirrus Logic CS4382A Datasheet HTML 2Page - Cirrus Logic CS4382A Datasheet HTML 3Page - Cirrus Logic CS4382A Datasheet HTML 4Page - Cirrus Logic CS4382A Datasheet HTML 5Page - Cirrus Logic CS4382A Datasheet HTML 6Page - Cirrus Logic CS4382A Datasheet HTML 7Page - Cirrus Logic CS4382A Datasheet HTML 8Page - Cirrus Logic CS4382A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
114 dB, 192 kHz 8-Channel D/A Converter
Features
Advanced Multi-bit Delta Sigma Architecture
24-bit Conversion
Up to 192 kHz Sample Rates
114 dB Dynamic Range
-100 dB THD+N
Direct Stream Digital® (DSD) Mode
On-chip 50 kHz Filter
Matched PCM and DSD Analog Output Levels
Selectable Digital Filters
Volume Control with 1 dB Step Size and Soft
Ramp
Low Clock-jitter Sensitivity
+5 V Analog Supply, +2.5 V Digital Supply
Separate 1.8 to 5 V Logic Supplies for the
Control & Serial Ports
Description
The CS4382A is a complete 8-channel digital-to-analog
system. This D/A system includes digital de-emphasis,
1 dB step size volume control, ATAPI channel mixing,
selectable fast and slow digital interpolation filters fol-
lowed
by
an
oversampled,
multi-bit
delta-sigma
modulator which includes mismatch shaping technolo-
gy that eliminates distortion due to capacitor mismatch.
Following this stage is a multi-element switched capac-
itor stage and low-pass filter with differential analog
outputs.
The CS4382A also has a proprietary DSD processor
which allows for 50 kHz on-chip filtering without an in-
termediate decimation stage. The CS4382A is available
in a 48-pin LQFP package in both Commercial (-40°C to
+85°C) and Automotive grades (-40°C to +105°C). The
CDB4382A Customer Demonstration board is also
available for device evaluation and implementation sug-
gestions. Please see “Ordering Information” on page 48
for complete details.
The CS4382A accepts PCM data at sample rates from
4 kHz to 216 kHz, DSD audio data, and delivers excel-
lent sound quality. These features are ideal for multi-
channel audio systems including SACD players, A/V re-
ceivers,
digital
TV’s,
mixing
consoles,
effects
processors,
sound
cards,
and
automotive
audio
systems.
C o ntro l & S erial A u dio P o rt
Sup p lies = 1.8 V to 5 V
Register/H ardware
C onfigura tion
Inte rna l V olta ge
Refe re nce
Reset
D igital S u pp ly = 2.5 V
Hard w are Mo de o r
I2C /SPI Softw are Mo d e
Co n tro l D ata
An alo g S u p p ly = 5 V
D ifferen tial
Ou tp u ts
8
8
PC M S erial
A u dio In pu t
Volume
Controls
Digita l
F ilte rs
Switch-C ap
DAC and
A na log F ilte rs
Multi-bit
∆Σ
Modula tors
DS D A u d io
In p u t
DS D P rocessor
-50 kH z filte r
E xte rna l Mute
Control
Mu te S ig n als
2
8
CS4382A
MAY '08
DS618F1


Podobny numer części - CS4382A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZ CIRRUS-CS4382A-CQZ Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A-CQZ CIRRUS-CS4382A-CQZ Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZ CIRRUS-CS4382A-CQZ Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Podobny opis - CS4382A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com