Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5463-ISZ Arkusz danych(PDF) 5 Page - Cirrus Logic

Numer części CS5463-ISZ
Szczegółowy opis  Single Phase, Bi-directional Power/Energy IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463-ISZ Arkusz danych(HTML) 5 Page - Cirrus Logic

  CS5463-ISZ Datasheet HTML 1Page - Cirrus Logic CS5463-ISZ Datasheet HTML 2Page - Cirrus Logic CS5463-ISZ Datasheet HTML 3Page - Cirrus Logic CS5463-ISZ Datasheet HTML 4Page - Cirrus Logic CS5463-ISZ Datasheet HTML 5Page - Cirrus Logic CS5463-ISZ Datasheet HTML 6Page - Cirrus Logic CS5463-ISZ Datasheet HTML 7Page - Cirrus Logic CS5463-ISZ Datasheet HTML 8Page - Cirrus Logic CS5463-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
CS5463
DS678F2
5
1. OVERVIEW
The CS5463 is a CMOS monolithic power measurement device with a computation engine and an ener-
gy-to-frequency pulse output. The CS5463 combines a programmable gain amplifier, two
∆Σ Ana-
log-to-Digital Converters (ADCs), system calibration, and a computation engine on a single chip.
The CS5463 is designed for power measurement applications and is optimized to interface to a current
sense resistor or transformer for current measurement, and to a resistive divider or potential transformer
for voltage measurement. The current channel provides programmable gains to accommodate various in-
put levels from a multitude of sensing elements. With single +5 V supply on VA+/AGND, both of the
CS5463’s input channels can accommodate common mode plus signal levels between (AGND - 0.25 V)
and VA+.
The CS5463 also is equipped with a computation engine that calculates instantaneous power, IRMS,
VRMS, apparent power, active (real) power, reactive power, harmonic active power, active and reactive
fundamental power, and power factor. The CS5463 additional features include line frequency, current and
voltage sag detection, zero-cross detection, positive-only accumulation mode, and three programmable
pulse output pins. To facilitate communication to a microprocessor, the CS5463 includes a simple
three-wire serial interface which is SPI™ and Microwire™ compatible. The CS5463 provides three out-
puts for energy registration. E1, E2, and E3 are designed to interface to a microprocessor.


Podobny numer części - CS5463-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
More results

Podobny opis - CS5463-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
   Single Phase Bi-Directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com