Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42432-CMZ Arkusz danych(PDF) 43 Page - Cirrus Logic

Numer części CS42432-CMZ
Szczegółowy opis  108 dB, 192 kHz 4-In, 6-Out TDM CODEC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-CMZ Arkusz danych(HTML) 43 Page - Cirrus Logic

Back Button CS42432-CMZ Datasheet HTML 39Page - Cirrus Logic CS42432-CMZ Datasheet HTML 40Page - Cirrus Logic CS42432-CMZ Datasheet HTML 41Page - Cirrus Logic CS42432-CMZ Datasheet HTML 42Page - Cirrus Logic CS42432-CMZ Datasheet HTML 43Page - Cirrus Logic CS42432-CMZ Datasheet HTML 44Page - Cirrus Logic CS42432-CMZ Datasheet HTML 45Page - Cirrus Logic CS42432-CMZ Datasheet HTML 46Page - Cirrus Logic CS42432-CMZ Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DS673F2
43
CS42432
7.6.4
ADC2 Single-Ended Mode (ADC2 SINGLE)
Default = 0
0 - Disabled; Differential input to ADC2
1 - Enabled; Single-Ended input to ADC2
Function:
When enabled, this bit allows the user to apply a single-ended input to the positive terminal of ADC2. A
+6 dB digital gain is automatically applied to the serial audio data of ADC2. The negative leg must be driv-
en to the common mode of the ADC. See Figure 20 on page 48 for a graphical description.
7.7
Transition Control (Address 06h)
7.7.1
Single Volume Control (DAC_SNGVOL, ADC_SNGVOL)
Default = 0
Function:
The individual channel volume levels are independently controlled by their respective Volume Control reg-
isters when this function is disabled. When enabled, the volume on all channels is determined by the
AOUT1 and AIN1 Volume Control register and the other Volume Control registers are ignored.
7.7.2
Soft Ramp and Zero Cross Control (ADC_SZC[1:0], DAC_SZC[1:0])
Default = 00
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp on Zero Crossings
Function:
Immediate Change
When Immediate Change is selected, all volume-level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal level changes, either by gain changes, attenuation changes or mut-
ing, will occur on a signal zero crossing to minimize audible artifacts. The requested level change will oc-
cur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample
rate) if the signal does not encounter a zero crossing. The zero cross function is independently monitored
and implemented for each channel.
Soft Ramp
Soft Ramp allows level changes, either by gain changes, attenuation changes or muting, to be implement-
ed by incrementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per
8 left/right clock periods.
Soft Ramp on Zero Crossing
76
54
3
2
1
0
DAC_SNGVOL
DAC_SZC1
DAC_SZC0
AMUTE
MUTE ADC_SP
ADC_SNGVOL
ADC_SZC1
ADC_SZC0


Podobny numer części - CS42432-CMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42432-CMZ CIRRUS-CS42432-CMZ Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42432-CMZ CIRRUS-CS42432-CMZ Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432-CMZR CIRRUS-CS42432-CMZR Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42432-CMZR CIRRUS-CS42432-CMZR Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
More results

Podobny opis - CS42432-CMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com