Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42432-DMZR Arkusz danych(PDF) 15 Page - Cirrus Logic

Numer części CS42432-DMZR
Szczegółowy opis  108 dB, 192 kHz 4-In, 6-Out TDM CODEC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZR Arkusz danych(HTML) 15 Page - Cirrus Logic

Back Button CS42432-DMZR Datasheet HTML 11Page - Cirrus Logic CS42432-DMZR Datasheet HTML 12Page - Cirrus Logic CS42432-DMZR Datasheet HTML 13Page - Cirrus Logic CS42432-DMZR Datasheet HTML 14Page - Cirrus Logic CS42432-DMZR Datasheet HTML 15Page - Cirrus Logic CS42432-DMZR Datasheet HTML 16Page - Cirrus Logic CS42432-DMZR Datasheet HTML 17Page - Cirrus Logic CS42432-DMZR Datasheet HTML 18Page - Cirrus Logic CS42432-DMZR Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
DS673F2
15
CS42432
ANALOG INPUT CHARACTERISTICS (AUTOMOTIVE)
(Test Conditions (unless otherwise specified): TA = -40 to +85°C; VD = VLS = VLC = 3.3 V±5%, VA = 5 V±5%;
Full-scale input sine wave: 1 kHz through the active input filter in Figure 19 on page 48 and Figure 20 on page 48;
Measurement Bandwidth is 10 Hz to 20 kHz.)
Notes:
5.
Referred to the typical full-scale voltage.
6.
Measured between AINx+ and AINx-.
7.
Measured between AINxx and AGND.
8.
The input impedance scales inversely proportionate to the sample rate of the ADC modulator.
Differential
Single-Ended
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Fs=48 kHz, 96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
97
94
-
105
102
99
-
-
-
94
91
-
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
-1 dB
(Note 5)
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
-
-
-
-
-98
-82
-42
-87
-90
-
-
-
-
-
-
-
-95
-79
-39
-87
-87
-
-
-
dB
dB
dB
dB
ADC1-2 Interchannel Isolation
-
90
-
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Analog Input
Full-Scale Input Voltage
1.04*VA 1.12*VA 1.20*VA
0.52*VA 0.56*VA 0.60*VA
Vpp
Differential Input Impedance (Notes 6 & 8)
23
29
32
-
-
-
k
Ω
Single-Ended Input Impedance
(Notes 7 & 8)
--
-
23
29
32
k
Ω
Common Mode Rejection Ratio (CMRR)
-
82
-
-
-
-
dB


Podobny numer części - CS42432-DMZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42432-DMZR CIRRUS-CS42432-DMZR Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42432-DMZR CIRRUS-CS42432-DMZR Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
More results

Podobny opis - CS42432-DMZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com