Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2724DH Arkusz danych(PDF) 11 Page - Micro Linear Corporation

Numer części ML2724DH
Szczegółowy opis  2.4GHz Low-IF 1.5Mbps FSK Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRO-LINEAR [Micro Linear Corporation]
Strona internetowa  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724DH Arkusz danych(HTML) 11 Page - Micro Linear Corporation

Back Button ML2724DH Datasheet HTML 7Page - Micro Linear Corporation ML2724DH Datasheet HTML 8Page - Micro Linear Corporation ML2724DH Datasheet HTML 9Page - Micro Linear Corporation ML2724DH Datasheet HTML 10Page - Micro Linear Corporation ML2724DH Datasheet HTML 11Page - Micro Linear Corporation ML2724DH Datasheet HTML 12Page - Micro Linear Corporation ML2724DH Datasheet HTML 13Page - Micro Linear Corporation ML2724DH Datasheet HTML 14Page - Micro Linear Corporation ML2724DH Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005 11
15
VTUNE
I
VCO Tuning Voltage input from the PLL
loop filter. This pin is very sensitive to
noise coupling and leakage currents.
24
VSS
VCCA
3.7k
15
VTUNE
8
1.25V
26
VBG
O
Bandgap Decouple Voltage. Decoupled
to ground with a 220nF capacitor.
N/A
28
RSSI
O
Buffered Analog RSSI output with a
nominal sensitivity of 35mV/dB. In analog
test modes, this pin and the AOUT output
become test access points controlled by
the serial control bus.
24
VSS
VCCA
100
Ω
28 RSSI
8
TPI
MUX
RSSI
MUX
RSSI
OP
AMP
SERIAL BUS SIGNALS
4
EN
I (CMOS)
Control Bus Enable. Enable pin for the
three-wire serial control bus that sets the
operating frequency and programmable
options. The control registers are loaded
on a low-to-high transition of the signal.
Serial control bus data is ignored when
this signal is high. This is a CMOS input,
and the thresholds are referenced to
VDD and VSS.
5
DATA
I (CMOS)
Serial Control Bus Data. 16-bit words,
which include programming data and the
two-bit address of a control, register. This
is a CMOS input, and the thresholds are
referenced to VDD and VSS.
6
CLK
I (CMOS)
Serial control bus data is clocked in on
the rising edge when EN is low. This is a
CMOS input; the thresholds are
referenced to VDD and VSS.
31
VSS
VDD
5.5k
4
EN
8
1.7p
5
DATA
6
CLK


Podobny numer części - ML2724DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Podobny opis - ML2724DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com