Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM27C512QE150 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FM27C512QE150
Szczegółowy opis  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512QE150 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FM27C512QE150 Datasheet HTML 1Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512QE150 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512 Rev. A
Capacitance T
A = +25°C, f = 1 MHz (Note 2)
Symbol
Parameter
Conditions
Typ
Max
Units
C
IN1
Input Capacitance
V
IN = 0V
6
12
pF
except OE/V
PP
C
OUT
Output Capacitance
V
OUT = 0V
9
12
pF
C
IN2
OE/V
PP Input
V
IN = 0V
20
25
pF
Capacitance
AC Test Conditions
Output Load
1 TTL Gate and C
L = 100 pF (Note 8)
Input Rise and Fall Times
≤5 ns
Input Pulse Levels
0.45V to 2.4V
Timing Measurement Reference Level (Note 9)
Inputs
0.8V and 2V
Outputs
0.8V and 2V
AC Waveforms (Notes 6, 7)
Note 1: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note 2: This parameter is only sampled and is not 100% tested.
Note 3: OE may be delayed up to t
ACC –tOE after the falling edge of CE without impacting tACC.
Note 4: The t
DF and tCF compare level is determined as follows:
High to TRI-STATE, the measured V
OH1 (DC) - 0.10V;
Low to TRI-STATE, the measured V
OL1 (DC) + 0.10V.
Note 5: TRI-STATE may be attained using OE or CE .
Note 6: The power switching characteristics of EPROMs require careful device decoupling. It is recommended that at least a 0.1
µF ceramic capacitor be used on every device
between VCC and GND.
Note 7: The outputs must be restricted to VCC + 1.0V to avoid latch-up and device damage.
Note 8: 1 TTL Gate: IOL = 1.6 mA, IOH = -400 µA. CL: 100 pF includes fixture capacitance.
Note 9: Inputs and outputs can undershoot to -2.0V for 20 ns Max.
Address Valid
Valid Output
Hi-Z
2V
0.8V
2V
0.8V
2V
0.8V
ADDRESS
OUTPUT
CE
OE
tCE
2V
0.8V
(Note 3)
(Note 3)
tDF
(Note 4, 5)
(Note 4, 5)
tOH
Hi-Z
tOE
ACC
t
CF
t
DS800035-4


Podobny numer części - FM27C512QE150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM27C512QE150 FAIRCHILD-FM27C512QE150 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Podobny opis - FM27C512QE150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com