Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21060 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL21060
Szczegółowy opis  Precision Reference with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL21060 Datasheet HTML 6Page - Intersil Corporation ISL21060 Datasheet HTML 7Page - Intersil Corporation ISL21060 Datasheet HTML 8Page - Intersil Corporation ISL21060 Datasheet HTML 9Page - Intersil Corporation ISL21060 Datasheet HTML 10Page - Intersil Corporation ISL21060 Datasheet HTML 11Page - Intersil Corporation ISL21060 Datasheet HTML 12Page - Intersil Corporation ISL21060 Datasheet HTML 13Page - Intersil Corporation ISL21060 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6706.3
December 16, 2008
Typical Performance Curves (ISL21060-41) (R
EXT = 100kΩ)
FIGURE 17. VOUT vs TEMPERATURE, 3 UNITS
FIGURE 18. IIN vs VIN, 3 TEMPERATURES
FIGURE 19. IIN vs VIN[SLEEP MODE], 3 TEMPERATURES
FIGURE 20. IIN vs VENABLE, 3 TEMPERATURES
FIGURE 21. LOAD REGULATION
FIGURE 22. LINE REGULATION OVER-TEMPERATURE
4.092
4.093
4.094
4.095
4.096
4.097
4.098
4.099
4.100
-40
10
60
110
TEMPERATURE (°C)
UNIT 2
UNIT 1
UNIT 3
15
16
17
18
19
20
21
22
23
24
25
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
UNIT 3
UNIT 1
UNIT 2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
04
6
VIN (V)
2
+125°C
+25°C
-40°C
0
10
20
30
40
50
60
70
80
90
100
04
VENABLE (V)
26
+125°C
+25°C
-40°C
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-12
-10
-8
-6
-4
-2
0
2
4
6
LOAD CURRENT (mA)
-40°C
+25°C
+125°C
-175
-125
-75
-25
25
75
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
VIN (V)
-40°C
+25°C
+125°C
ISL21060


Podobny numer części - ISL21060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
logo
Intersil Corporation
ISL21060B(EN) INTERSIL-ISL21060B(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21060BFH620Z-TK INTERSIL-ISL21060BFH620Z-TK Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060BFH620Z-TK RENESAS-ISL21060BFH620Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Podobny opis - ISL21060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com