Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE18005 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCE18005
Szczegółowy opis  Five/Ten Output Clock Generator/Buffer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCE18005 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button CDCE18005 Datasheet HTML 3Page - Texas Instruments CDCE18005 Datasheet HTML 4Page - Texas Instruments CDCE18005 Datasheet HTML 5Page - Texas Instruments CDCE18005 Datasheet HTML 6Page - Texas Instruments CDCE18005 Datasheet HTML 7Page - Texas Instruments CDCE18005 Datasheet HTML 8Page - Texas Instruments CDCE18005 Datasheet HTML 9Page - Texas Instruments CDCE18005 Datasheet HTML 10Page - Texas Instruments CDCE18005 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Output Block
/1,2,3,4,5
UxP
UxN
/1 - /8
/2
DigitalPhase Adjust
(7 -bits )
PRI_IN
SEC_IN
SMART_MUX
SYNTH
Sync
Pulse
Enable
LVDS
ClockDividerModule0-4
LVPECL
Output
MUX
Control
OutputBufferControl
/1-/80
DigitalPhase Adjust(7-bits)
SyncPulse
(internallygenerated)
Enable
From
Output
MUX
To
Output
Buffer
CDCE18005
www.ti.com........................................................................................................................................................................................... SCAS863 – NOVEMBER 2008
Each of the five identical output blocks incorporates an output multiplexer, a clock divider module, and a
universal output array as shown.
Figure 6. CDCE18005 Output Block (1 of 5)
Clock Divider Module 0–4
The following shows a simplified version of a Clock Divider Module (CDM). If an individual clock output channel
is not used, then the user should disable the CDM and Output Buffer for the unused channel to save device
power. Each channel includes two 7-bit registers to control the divide ratio used and the clock phase for each
output.
Figure 7. CDCE18005 Output Divider Module (1 of 5)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CDCE18005


Podobny numer części - CDCE18005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE401YS TI-CDCE401YS Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
More results

Podobny opis - CDCE18005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
2305NZ IDT-2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310 Datasheet
1Mb / 28P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer
logo
Cypress Semiconductor
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
   Ten Output Zero Delay Buffer
W232 CYPRESS-W232_02 Datasheet
106Kb / 6P
   Ten Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com