Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4248 Arkusz danych(PDF) 2 Page - Semtech Corporation

Numer części 1N4248
Szczegółowy opis  General Purpose Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4248 Arkusz danych(HTML) 2 Page - Semtech Corporation

  1N4248 Datasheet HTML 1Page - Semtech Corporation 1N4248 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
 2007 Semtech Corp.
www.semtech.com
1N4245, 1N4246, 1N4247,
1N4248, 1N4249
POWER DISCRETES
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing
r
e
b
m
u
N
t
r
a
Pn
o
i
t
p
i
r
c
s
e
D
5
4
2
4
N
1
6
4
2
4
N
1
7
4
2
4
N
1
8
4
2
4
N
1
9
4
2
4
N
1
d
e
l
a
e
s
y
ll
a
c
it
e
m
r
e
h
d
e
d
a
e
l
l
a
i
x
A
)
1
(
Note:
(1) Available in bulk or tape and reel packaging. Please
consult factory for quantities.
Ordering Information
s
n
o
i
s
n
e
m
i
D
M
I
D N
s
e
h
c
n
Is
r
e
t
e
m
il
li
Me
t
o
N
N
I
MX
A
MN
I
MX
A
M
A5
6
0
.0
1
1
.5
6
.
19
7
.
2-
B0
0
.
15
2
.
14
.
5
27
.
1
3-
C0
4
1
.5
6
1
.6
5
.
39
1
.
4-
D7
2
0
.1
3
0
.6
8
6
.6
8
7
.-
Note 1.
0.030"
0.030"
Note:
1. Lead diameter not controlled in this area.


Podobny numer części - 1N4248

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
1N4248 POWEREX-1N4248 Datasheet
99Kb / 2P
   Passivated Rectifier
logo
General Semiconductor
1N4248 GE-1N4248 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N4248 MICROSEMI-1N4248 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Sensitron
1N4248 SENSITRON-1N4248 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
Microsemi Corporation
1N4248 MICROSEMI-1N4248 Datasheet
257Kb / 2P
   OIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results

Podobny opis - 1N4248

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com