Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC2T872 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVC2T872
Szczegółowy opis  SN74AVC2T872
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AVC2T872 Datasheet HTML 1Page - Texas Instruments SN74AVC2T872 Datasheet HTML 2Page - Texas Instruments SN74AVC2T872 Datasheet HTML 3Page - Texas Instruments SN74AVC2T872 Datasheet HTML 4Page - Texas Instruments SN74AVC2T872 Datasheet HTML 5Page - Texas Instruments SN74AVC2T872 Datasheet HTML 6Page - Texas Instruments SN74AVC2T872 Datasheet HTML 7Page - Texas Instruments SN74AVC2T872 Datasheet HTML 8Page - Texas Instruments SN74AVC2T872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RECOMMENDED OPERATING CONDITIONS
(1) (2) (3)
SN74AVC2T872
www.ti.com........................................................................................................................................................................................... SCES710 – NOVEMBER 2008
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VCCB
Supply voltage
1.1
3.6
V
1.1 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs(4)
1.95 V to 2.7 V
1.65
V
input voltage
2.7 V to 3.6 V
2
1.1 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs(4)
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.1 V to 1.95 V
VCCA × 0.65
High-level
DIR, DIR_POL, PD_EN
VIH
1.95 V to 2.7 V
VCCA × 0.65
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
VCCA × 0.65
1.1 V to 1.95 V
VCCA × 0.35
Low-level
DIR, DIR_POL, PD_EN
VIL
1.95 V to 2.7 V
VCCA × 0.35
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
VCCA × 0.35
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.1 to 1.3 V
–2
1.4 V to 1.6 V
–6
IOH
High-level output current
1.65 V to 1.95 V
–8
mA
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.1 V to 1.3 V
2
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
2.3 V to 2.7 V
9
3 V to 3.6 V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. All unused control inputs of the
device must be held at VCCA or GND to ensure proper device operation. See the TI application report, Implications of Slow or Floating
CMOS Inputs, literature number SCBA004.
(4)
For data input values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For control input values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AVC2T872


Podobny numer części - SN74AVC2T872

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC2T872 TI-SN74AVC2T872 Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
SN74AVC2T872 TI-SN74AVC2T872_1 Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com