Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC2T872YFPR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVC2T872YFPR
Szczegółowy opis  SN74AVC2T872
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872YFPR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74AVC2T872YFPR Datasheet HTML 5Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 6Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 7Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 8Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 9Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 10Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 11Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 12Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SWITCHING CHARACTERISTICS
SN74AVC2T872
www.ti.com........................................................................................................................................................................................... SCES710 – NOVEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V, PD_EN = 0 V (unless otherwise noted)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
17
0.7
12.6
0.4
10.5
0.2
8.1
0.2
6.9
D+(A) to D+(B) or
ns
D–(A) to D–(B)
tPHL
17
0.7
11.2
0.4
9.5
0.2
7.4
0.2
6.7
Propagation
delay
tPLH
11
0.5
9.5
0.4
8.8
0.5
7.9
0.4
7.5
D+(B) to D+(A) or
ns
D–(B) to D–(A)
tPHL
11
0.5
9.3
0.4
8.7
0.5
7.9
0.4
7.6
tr
Output rise time
14
10
10
10
10
ns
tf
Output fall time
14
10
10
10
10
ns
tPHZ
13
1.1
11.4
1
10.8
0.5
9.8
0.5
9
DIR or
D+(A) or D–(A)
ns
DIR_POL
tPLZ
13
1.1
10.7
1
10.8
0.5
10.8
0.5
10.9
Disable time
tPHZ
21
1.1
10.7
1.3
10.6
0.8
9
0.5
9
DIR or
D+(B) or D–(B)
ns
DIR_POL
tPLZ
21
1.1
15.7
1.3
12.5
0.8
8.8
0.5
8.3
tPZH
32
25.2
21.3
16.7
15.8
DIR or
D+(A) or D–(A)
ns
DIR_POL
tPZL
32
20.1
19.2
16.9
16.6
Enable Time(1)
tPZH
30
23.3
21.3
18.9
17.7
DIR or
D+(B) or D–(B)
ns
DIR_POL
tPZL
30
22.7
20.3
17.2
15.8
Fmax
Max data rate
12
12
12
12
12
Mbps
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AVC2T872


Podobny numer części - SN74AVC2T872YFPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com