Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC6T622RGYR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVC6T622RGYR
Szczegółowy opis  AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC6T622RGYR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74AVC6T622RGYR Datasheet HTML 7Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 8Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 9Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 10Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 11Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 12Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 13Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 14Page - Texas Instruments SN74AVC6T622RGYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SWITCHING CHARACTERISTICS
TYPICAL FREQUENCY AND OUTPUT SKEW
MAXIMUM FREQUENCY AND OUTPUT SKEW
MAXIMUM FREQUENCY AND OUTPUT SKEW
SN74AVC6T622
www.ti.com ......................................................................................................................................................................................... SCES706 – SEPTEMBER 2008
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
A
B
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
B
A
2.9
0.8
4.3
0.6
3.7
0.5
3
0.5
3
0.1
2.7
tpd
A6
B6
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
ns
A2
B2
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
B2
A2
2.9
0.8
4.3
0.6
3.7
0.5
3
0.5
3
0.1
2.7
B
3
1
5.1
0.6
4.3
0.5
3.4
0.5
3.4
0.4
3
ten
(1)
DIR
ns
A
2
0.6
3.1
0.6
5.4
0.7
5.4
0.7
5.4
0.5
5.4
B
4.4
1.4
7.4
1.8
8.3
1.2
7
1.2
7
2
7.3
tdis
(1)
DIR
ns
A
3.7
1.5
8.1
1.5
7.9
1.5
7.9
1.5
7.9
1.5
8
(1)
DIR refers to DIR2, DIR1, and DIR(345).
TA = 25°C, VCCA = 1.2 V (see Figure 2)
VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
TYP
Clock
A6
B6
95
95
95
95
95
95
tmax
A
B
95
95
95
95
95
95
MHz
Data
B
A
95
95
95
95
95
95
Channel-
tsk(o)
to-
A
B
0.5
0.4
0.4
0.3
0.5
0.5
ns
channel
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
Clock
A6
B6
95
95
95
95
95
95
fmax
A
B
95
95
95
95
95
95
MHz
Data
B
A
95
95
95
95
95
95
Channel-
tsk(o) to-
DIR
B
0.3
0.3
0.3
0.3
0.5
0.4
ns
channel
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
Clock
A6
B6
95
95
95
95
95
95
fmax
A
B
95
95
95
95
95
95
MHz
Data
B
A
95
95
95
95
95
95
Channel-
tsk(o) to-
DIR
B
0.3
0.3
0.3
0.3
0.5
0.3
ns
channel
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74AVC6T622


Podobny numer części - SN74AVC6T622RGYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC TI-SN74AVC Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC TI-SN74AVC Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74AVC6T622RGYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Analog Devices
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com