Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC03-6.TBT Arkusz danych(PDF) 5 Page - Semtech Corporation

Numer części LC03-6.TBT
Szczegółowy opis  Low Capacitance TVS for High-Speed Data Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-6.TBT Arkusz danych(HTML) 5 Page - Semtech Corporation

  LC03-6.TBT Datasheet HTML 1Page - Semtech Corporation LC03-6.TBT Datasheet HTML 2Page - Semtech Corporation LC03-6.TBT Datasheet HTML 3Page - Semtech Corporation LC03-6.TBT Datasheet HTML 4Page - Semtech Corporation LC03-6.TBT Datasheet HTML 5Page - Semtech Corporation LC03-6.TBT Datasheet HTML 6Page - Semtech Corporation LC03-6.TBT Datasheet HTML 7Page - Semtech Corporation LC03-6.TBT Datasheet HTML 8Page - Semtech Corporation LC03-6.TBT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC03-6
Device Connection Options for Protection of Two
High-Speed Data Lines
The LC03-6 is designed to protect two high-speed data
lines (one differential pair) from transient over-voltages
which result from lightning and ESD. The device can be
configured to protect in differential (Line-to-Line) and
common (Line-to-Ground) mode. Data line inputs/
outputs are connected at pins 1 to 8, and 4 to 5 as
shown. Pins 2, 3, 6, and 7 are connected to ground.
These pins should be connected directly to a ground
plane on the board for best results. The path length is
kept as short as possible to minimize parasitic induc-
tance. In applications where high common mode
voltages are present, differential protection is achieved
by leaving pins 2, 3, 6, and 7 not connected.
T1/E1 Linecard Protection (Intra-Building)
A typical T1/E1 linecard protection circuit is shown
below. The LC03-6 is connected between Tip and Ring
on the transmit and receive line pairs. It provides
protection to metallic and common mode lightning
surges per Bellcore 1089. This design takes advan-
tage of the isolation of the transformer to suppress
common mode surges. To complete the protection
circuit, the RClamp3304N (or RClamp0504N for 5V
supplies) is employed as the IC side protection ele-
ment. This device helps prevent the transceiver from
latching up by providing fine clamping of transients that
are coupled through the transformer. For further
information, reference Semtech application note
AN97-10.
T3/E3 and STS-1 Protection
The LC03-6 can also be used to protect T3/E3 and
STS-1 interfaces. The data lines from the BNC inter-
face are run through the LC03-6 (i.e. enters at pin 1
and exits at pin 8) with the ground connection made at
the other side of the device (pins 4 and 5). The center
pins (2, 3, 6, and 7) are not connected. In this configu-
ration, the LC03-6 adds less than 12pF of capacitance
to each line and provides surge protection to 100A
(tp=8/20
µs).
Connection for Differential (Line-to-Line) and
Common Mode Protection (Line-to-Ground)
Connection for Differential Protection
(Line-to-Line)
Applications Information
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.


Podobny numer części - LC03-6.TBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6 Datasheet
237Kb / 9P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
LC03-6 LEIDITECH-LC03-6 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
More results

Podobny opis - LC03-6.TBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Littelfuse
SP03-3.3BTG LITTELFUSE-SP03-3.3BTG Datasheet
318Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
logo
Shanghai Leiditech Elec...
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com