Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC04-6.TB Arkusz danych(PDF) 2 Page - Semtech Corporation

Numer części LC04-6.TB
Szczegółowy opis  Dual Low Capacitance TVS Array for Telecom Linecard Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC04-6.TB Arkusz danych(HTML) 2 Page - Semtech Corporation

  LC04-6.TB Datasheet HTML 1Page - Semtech Corporation LC04-6.TB Datasheet HTML 2Page - Semtech Corporation LC04-6.TB Datasheet HTML 3Page - Semtech Corporation LC04-6.TB Datasheet HTML 4Page - Semtech Corporation LC04-6.TB Datasheet HTML 5Page - Semtech Corporation LC04-6.TB Datasheet HTML 6Page - Semtech Corporation LC04-6.TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC04-6
Absolute Maximum Rating
Electrical Characteristics
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
0
0
1
/
0
1
=P
k
p
0
0
0
1s
t
t
a
W
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
p
1
0
0
0
1
/
0)
sI
P
P
0
7A
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
2
/
8
=I
P
P
0
0
2A
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
6
5
/
0
1
=I
P
P
0
0
1A
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
d
a
e
LT
L
)
.
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
6
-
4
0
C
L
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
6V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=8
.
6V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
6
=
V
M
W
R
C
°
5
2
=
T
,
V
3
=
5
1
2
A
µ
A
µ
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
,
A
0
1
=
t
p
s
µ
0
0
0
1
/
0
1
=
5
.
2
1V
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
,
A
0
7
=
t
p
s
µ
0
0
0
1
/
0
1
=
5
1V
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
,
A
0
0
1
=
t
p
s
µ
0
2
/
8
=
0
2V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
JC
j
e
n
i
L
h
c
a
E
V
R
z
H
M
1
=
f
,
V
0
=
5
1F
p


Podobny numer części - LC04-6.TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TB SEMTECH-LC04-6TB Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TE SEMTECH-LC04-6TE Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
More results

Podobny opis - LC04-6.TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-12 SEMTECH-LC04-12 Datasheet
201Kb / 8P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6_03 Datasheet
104Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
TCLAMP3302N SEMTECH-TCLAMP3302N Datasheet
243Kb / 9P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP0602N SEMTECH-TCLAMP0602N Datasheet
181Kb / 7P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com