Zakładka z wyszukiwarką danych komponentów |
|
NE214.012AX01 Arkusz danych(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
NE214.012AX01 Arkusz danych(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 2 page www.baumerivo.com www.baumerivo.com Preset counters electronic www.baumerivo.com 2 NE214 Part number NE214. AX01 Voltage supply 1 24 / 48 VAC 2 115 / 230 VAC 3 12...30 VDC Outputs 0 Without relay 1 Relay outputs 2 Relay and optocoupler outputs / analogue output Interface 0 Without interface 1 RS485 2 RS422 3 RS232 2 presets, serial interfaces Large 14 mm display LED, 6-digits, programmable Comparator inputs Input circuit Inputs PNP- / NPN-logic Input level Programmable Input level Low 0...2 VDC Input level High 3...40 VDC Input resistance 3 kΩ Relay outputs Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit Optocoupler short-circuit proof Switching voltage max. 40 V Switching current max. 15 mA Residual voltage <1 V Trigger level TxD+ TxD- RxD+ RxD- TxD RxD GND RS232 RS422 Signal input A B Reset Stop/Hold A 90° B Totalizer Operating time meter Analog output Main counter with 2 presets start count scaling factor P2 Output P1 P2 Analog output 0(2) - 10 V 0(4) - 20 mA 2 3 4 5 6 7 8 9 10 11 12 13 20 21 22 23 24 25 30 27 28 29 Sensor supply + - P1 T,R- T,R+ Interface RS232 or RS232 Interface RS485 14 15 16 17 18 19 Voltage supply + - Block circuit diagram Dimensions 96 109 123.75 19.75 1-10 7 Output P1 P2 P2 P1 Output Count Sensor supply Br RU RI 2 3 6 7 8 9 14 15 16 17 18 19 10 11 12 13 20 21 22 23 24 25 4 5 27 28 29 30 26 (+) (-) 1 RS485 max. 250 V terminal - terminal / - terminal RS422 RS232 Connection diagram |
Podobny numer części - NE214.012AX01 |
|
Podobny opis - NE214.012AX01 |