Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC695FL-15SASB Arkusz danych(PDF) 10 Page - ATMEL Corporation

Numer części TSC695FL-15SASB
Szczegółowy opis  Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695FL-15SASB Arkusz danych(HTML) 10 Page - ATMEL Corporation

Back Button TSC695FL-15SASB Datasheet HTML 6Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 7Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 8Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 9Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 10Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 11Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 12Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 13Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
TSC695FL
4204C–AERO–05/05
It is possible to mask each individual interrupt (except Watchdog time-out). The interrupts in the Interrupt Pending Register
are cleared automatically when the interrupt is acknowledged.
By programming the Interrupt Shape Register, it is possible to define the external interrupts to be either active low or active
high and to define the external interrupts to be either edge or level sensitive.
Data access exception
(Error on data load)
10
09h
Idem “instruction access”
System register access violation
Tag overflow
11
0Ah
TADDccTV and TSUBccTV instructions
Trap instructions
12
80h to FFh
Trap on integer condition codes (Ticc)
Table 3. Synchronous Traps (Continued)
Trap
Priority
Trap Type (tt) Comments
Table 4. Interrupts or Asynchronous Traps
Trap
Priority
Trap Type (tt) Comments
Watchdog time-out
13
1Fh
Internal or external (EWDINT pin)
External INT 4
14
1Eh
EXTINTAK on only one of EXTINT[4:0]
Real time clock timer
15
1Dh
-
General purpose timer
16
1Ch
-
External INT 3
17
1Bh
EXTINTAK on only one of EXTINT[4:0]
External INT 2
18
1Ah
EXTINTAK on only one of EXTINT[4:0]
DMA time-out
19
19h
-
DMA access error
20
18h
-
UART Error
21
17h
-
Correctable error in memory
22
16h
Data read OK but source not updated
UART B
Data ready
Transmitter ready
23
15h
-
UART A
Data ready
Transmitter ready
24
14h
-
External INT 1
25
13h
EXTINTAK on only one of EXTINT[4:0]
External INT 0
26
12h
EXTINTAK on only one of EXTINT[4:0]
Masked hardware errors
27
11h
Logical OR of:
IU hardware error masked
IU error mode masked
System hardware error masked


Podobny numer części - TSC695FL-15SASB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC695FL ATMEL-TSC695FL_14 Datasheet
3Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
More results

Podobny opis - TSC695FL-15SASB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com