Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX86SJ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74LCX86SJ
Szczegółowy opis  Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX86SJ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74LCX86SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX86 Rev. 1.5.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions(2)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
2. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VI
DC Input Voltage
–0.5V to +7.0V
VO
DC Output Voltage, Output in HIGH or LOW State(1)
–0.5V to VCC + 0.5V
IIK
DC Input Diode Current, VI < GND
–50mA
IOK
DC Output Diode Current
VO < GND
–50mA
VO > VCC
+50mA
IO
DC Output Source/Sink Current
±50mA
ICC
DC Supply Current per Supply Pin
±100mA
IGND
DC Ground Current per Ground Pin
±100mA
TSTG
Storage Temperature
–65°C to +150°C
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0
5.5
V
VO
Output Voltage, HIGH or LOW State
0
VCC
V
IOH / IOL
Output Current
VCC = 3.0V–3.6V
±24
mA
VCC = 2.7V–3.0V
±12
VCC = 2.3V–2.7V
±8
TA
Free-Air Operating Temperature
–40
85
°C
∆t / ∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns /V


Podobny numer części - 74LCX86SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX86SJ FAIRCHILD-74LCX86SJ Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX86SJ ONSEMI-74LCX86SJ Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
More results

Podobny opis - 74LCX86SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX86 STMICROELECTRONICS-74LVX86 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
   Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com