Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137 Arkusz danych(PDF) 9 Page - Linear Technology

Numer części LM137
Szczegółowy opis  Negative Adjustable Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LM137 Arkusz danych(HTML) 9 Page - Linear Technology

Back Button LM137 Datasheet HTML 4Page - Linear Technology LM137 Datasheet HTML 5Page - Linear Technology LM137 Datasheet HTML 6Page - Linear Technology LM137 Datasheet HTML 7Page - Linear Technology LM137 Datasheet HTML 8Page - Linear Technology LM137 Datasheet HTML 9Page - Linear Technology LM137 Datasheet HTML 10Page - Linear Technology LM137 Datasheet HTML 11Page - Linear Technology LM137 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
137afb
LT137A/LM137
LT337A/LM337
TYPICAL APPLICATIONS
A high stability regulator is illustrated in the application
circuit shown to the right. The output stability, load regula-
tion, line regulation, thermal regulation, temperature drift,
long term drift, and noise can be improved by a factor of
6.6 over the standard regulator configuration. This assumes
a zener whose drift and noise is considerably better than
the regulator itself. The LM329B has 20ppm/°C maximum
drift and about 10 times lower noise than the regulator.
In the application shown below, regulators #2 to “N” will
track regulator #1 to within ±24mV initially, and to ±60mV
over all load, line, and temperature conditions. If any
regulator output is shorted to ground, all other outputs will
drop to approximately ≈ –2V. Load regulation of regula-
tors 2 to “N” will be improved by VOUT/1.25V compared
to a standard regulator, so regulator #1 should be the one
which has the lowest load current.
Multiple Tracking Regulators
High Stability Regulator
Dual Tracking Supply ±1.25V to ±20V
Current Regulator
LT137A
ADJ
VIN
–VIN
R2*
7V
LM329B
VOUT
–VOUT
137A TA03
R1
1k
1%
R3
1.5k
1%
+
1μF
SOLID
TANTALUM
*R2 =
– 908Ω
|VOUT|
9.08 • 10–3
LT337A
ADJ
VIN
(–)
VOUT
(+)
137A TA05
RS
I
+
C1
1μF
SOLID TANTALUM
I = 65μA +
(0.8Ω < RS < 250Ω)
1.25V
RS
LT337A
ADJ
VIN
–VIN
R3
5k
*SOLID TANTALUM
**R1 OR R5 MAY BE TRIMMED SLIGHTLY TO IMPROVE TRACKING
D2
1N4002
VOUT
–VOUT
137A TA04
R4
5k
1%
R2
5k
1%
R5**
100Ω
1%
LT317A
ADJ
VIN
+VIN
VOUT
+VOUT
+
2.2μF*
+
10μF
+
10μF
R1**
100Ω
1%
D1
1N4002
+
2.2μF*
REG #1
ADJ
VIN
–VIN
R2
VOUT
–VOUT1
137A TA02
R1
120Ω
1N4002
C1
1μF
SOLID
TANTALUM
+
C3
10μF
+
2μF
REG #2
LT137A
LT137A
ADJ
VIN
VOUT
–VOUT2
137A TA02
1N4002
1μF
SOLID
TANTALUM
+
2μF
+
REG #N
LT137A
ADJ
VIN
VOUT
–VOUT3
137A TA02
1μF
SOLID
TANTALUM
+
2μF
+


Podobny numer części - LM137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
1,005Kb / 18P
   Three-terminal adjustable negative voltage regulators
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Podobny opis - LM137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
   Negative Adjustable Regulator
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
   Negative Adjustable Regulator
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
   Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT1033 LINER-LT1033_02 Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com