Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137 Arkusz danych(PDF) 11 Page - Linear Technology

Numer części LM137
Szczegółowy opis  Negative Adjustable Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LM137 Arkusz danych(HTML) 11 Page - Linear Technology

Back Button LM137 Datasheet HTML 4Page - Linear Technology LM137 Datasheet HTML 5Page - Linear Technology LM137 Datasheet HTML 6Page - Linear Technology LM137 Datasheet HTML 7Page - Linear Technology LM137 Datasheet HTML 8Page - Linear Technology LM137 Datasheet HTML 9Page - Linear Technology LM137 Datasheet HTML 10Page - Linear Technology LM137 Datasheet HTML 11Page - Linear Technology LM137 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
137afb
LT137A/LM137
LT337A/LM337
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
.016 – .019**
(0.406 – 0.483)
DIA
.050
(1.270)
MAX
.165 – .185
(4.191 – 4.699)
.500
(12.700)
MIN
.305 – .335
(7.747 – 8.509)
.350 – .370
(8.890 – 9.398)
.200
(5.080)
TYP
45
H3(TO-39) 0801
.100
(2.540)
.100
(2.540)
.029 – .045
(0.737 – 1.143)
.028 – .034
(0.711 – 0.864)
REFERENCE
PLANE
*
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND .050" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
K2 (TO-3) 0801
.038 – .043
(0.965 – 1.09)
.060 – .135
(1.524 – 3.429)
.320 – .350
(8.13 – 8.89)
.420 – .480
(10.67 – 12.19)
.760 – .775
(19.30 – 19.69)
.490 – .510
(12.45 – 12.95)
R
.167 – .177
(4.24 – 4.49)
R
.151 – .161
(3.86 – 4.09)
DIA, 2PLCS
1.177 – 1.197
(29.90 – 30.40)
.655 – .675
(16.64 – 17.15)
.067 – .077
(1.70 – 1.96)
.210 – .220
(5.33 – 5.59)
.425 – .435
(10.80 – 11.05)
H Package
3-Lead TO-39 Metal Can
(Reference LTC DWG # 05-08-1330)
K Package
2-Lead TO-3 Metal Can
(Reference LTC DWG # 05-08-1310)
OBSOLETE PACKAGES


Podobny numer części - LM137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
1,005Kb / 18P
   Three-terminal adjustable negative voltage regulators
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Podobny opis - LM137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
   Negative Adjustable Regulator
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
   Negative Adjustable Regulator
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
   Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT1033 LINER-LT1033_02 Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com