Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320F2802548S Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TMP320F2802548S
Szczegółowy opis  TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2802548S Arkusz danych(HTML) 5 Page - Texas Instruments

  TMP320F2802548S Datasheet HTML 1Page - Texas Instruments TMP320F2802548S Datasheet HTML 2Page - Texas Instruments TMP320F2802548S Datasheet HTML 3Page - Texas Instruments TMP320F2802548S Datasheet HTML 4Page - Texas Instruments TMP320F2802548S Datasheet HTML 5Page - Texas Instruments TMP320F2802548S Datasheet HTML 6Page - Texas Instruments TMP320F2802548S Datasheet HTML 7Page - Texas Instruments TMP320F2802548S Datasheet HTML 8Page - Texas Instruments TMP320F2802548S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1
Introduction
2
Device and Development Tool Support Nomenclature
Silicon Errata
SPRZ292 – December 2008
TMS320x2802x Piccolo MCU Silicon Errata
This document describes the silicon updates to the functional specifications for the TMS320x2802x
microcontrollers (MCUs).
The updates are applicable to:
• 38-pin Plastic Small Outline Package, DA Suffix
• 48-pin Plastic Quad Flatpack, PT Suffix
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
[TMS320] DSP devices and support tools. Each TMS320™ DSP commercial family member has one of
three prefixes: TMX, TMP, or TMS (e.g., TMS320F28027). Texas Instruments recommends two of three
possible prefix designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary
stages of product development from engineering prototypes (TMX/TMDX) through fully qualified
production devices/tools (TMS/TMDS).
TMX
Experimental device that is not necessarily representative of the final device's electrical
specifications
TMP
Final silicon die that conforms to the device's electrical specifications but has not
completed quality and reliability verification
TMS
Fully qualified production device
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing
TMDS
Fully qualified development-support product
TMX and TMP devices and TMDX development-support tools are shipped against the following
disclaimer:
"Developmental product is intended for internal evaluation purposes."
TMS devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, PBK) and temperature range (for example, A).
SPRZ292 – December 2008
TMS320x2802x Piccolo MCU Silicon Errata
5
Submit Documentation Feedback


Podobny numer części - TMP320F2802548S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Podobny opis - TMP320F2802548S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com