Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3150 Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3150
Szczegółowy opis  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150 Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Electrical Specifications (DC)
Overrecommendedoperatingconditions(T
A=-40to100°C,IF(ON)=7to16mA,VF(OFF)=-3.6to0.8V,VCC=15to30V,
V
EE=Ground,eachchannel)unlessotherwisespecified.
Parameter
Symbol
Min.
Typ.*
Max.
Units Test Conditions
Fig.
Note
HighLevel
I
OH
0.1
0.4
A
V
O=(VCC-4V)2,3,
5
0.5
V
O=(VCC-15V)
2
LowLevel
I
OL
0.1
0.6
A
V
O=(VEE+2.5V)
5,6,
5
0.5
V
O=(VEE+15V)
2
HighLevelOutput
V
OH
(V
CC-4)
(V
CC-3)
V
I
O=-100mA
1,3,
6,7
Voltage
19
LowLevelOutput
V
OL
0.4
1.0
V
I
O=100mA
4,6,
Voltage
20
HighLevel
I
CCH
2.5
5.0
mA
OutputOpen,7,8
16
SupplyCurrent
I
F=7to16mA
LowLevel
I
CCL
2.7
5.0
mA
OutputOpen,
SupplyCurrent
V
F=-3.0to+0.8V
ThresholdInput
I
FLH
2.2
5.0
mA
HCPL-3150
I
O=0mA,
9,15,
CurrentLowtoHigh
2.6
6.4
HCPL-315J
V
O>5V
21
ThresholdInput
V
FHL
0.8
V
VoltageHightoLow
InputForwardVoltage
V
F
1.2
1.5
1.8
V
HCPL-3150
I
F=10mA
16
1.6
1.95
HCPL-315J
Temperature
∆V
F/∆TA
-1.6
mV/°C I
F=10mA
Coefficientof
ForwardVoltage
InputReverse
BV
R
5
V
HCPL-3150
I
R=10µA
BreakdownVoltage
3
HCPL-315J
I
R=10µA
InputCapacitance
C
IN
70
pF
f=1MHz,V
F=0V
UVLOThreshold
V
UVLO+
11.0
12.3
13.5
V
V
O>5V,
22,
V
UVLO-
9.5
10.7
12.0
I
F=10mA
36
UVLOHysteresis
UVLO
HYS
1.6
V
*AlltypicalvaluesatT
A=25°CandVCC-VEE=30V,unlessotherwisenoted.
OutputCurrent
17
18
OutputCurrent


Podobny numer części - HCPL-3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Podobny opis - HCPL-3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com